Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 133 page
background image
8.51 Comparator_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VCC
Supply voltage
1.8
3.6
V
IAVCC_COMP
Comparator operating supply current
into AVCC terminal, excludes
reference resistor ladder
CBPWRMD = 00
1.8 V
40
µA
2.2 V
30
50
3 V
40
65
CBPWRMD = 01
2.2 V, 3 V
10
30
CBPWRMD = 10
2.2 V, 3 V
0.1
0.5
IAVCC_REF
Quiescent current of local reference
voltage amplifier into AVCC terminal
CBREFACC = 1, CBREFLx = 01
22
µA
VIC
Common-mode input range
0
VCC – 1
V
VOFFSET
Input offset voltage
CBPWRMD = 00
±20
mV
CBPWRMD = 01, 10
±10
CIN
Input capacitance
5
pF
RSIN
Series input resistance
On (switch closed)
3
4
kΩ
Off (switch open)
50
MΩ
tPD
Propagation delay, response time
CBPWRMD = 00, CBF = 0
450
ns
CBPWRMD = 01, CBF = 0
600
CBPWRMD = 10, CBF = 0
50
µs
tPD,filter
Propagation delay with filter active
CBPWRMD = 00, CBON = 1,
CBF = 1, CBFDLY = 00
0.35
0.6
1.0
µs
CBPWRMD = 00, CBON = 1,
CBF = 1, CBFDLY = 01
0.6
1.0
1.8
CBPWRMD = 00, CBON = 1,
CBF = 1, CBFDLY = 10
1.0
1.8
3.4
CBPWRMD = 00, CBON = 1,
CBF = 1, CBFDLY = 11
1.8
3.4
6.5
tEN_CMP
Comparator enable time, settling time
CBON = 0 to CBON = 1,
CBPWRMD = 00, 01
1
2
µs
CBON = 0 to CBON = 1,
CBPWRMD = 10
100
tEN_REF
Resistor reference enable time
CBON = 0 to CBON = 1
0.3
1.5
µs
VCB_REF
Reference voltage for a given tap
VIN = reference into resistor
ladder, n = 0 to 31
VIN ×
(n + 0.5)
/ 32
VIN ×
(n + 1)
/ 32
VIN ×
(n + 1.5)
/ 32
V
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com