Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 133 page
background image
9.12.8 System Module (SYS)
The SYS module handles many of the system functions within the device. These include power-on reset and
power-up clear handling, NMI source selection and management, reset interrupt vector generators, bootloader
entry mechanisms, and configuration management (device descriptors). SYS also includes a data exchange
mechanism through JTAG called a JTAG mailbox that can be used in the application.
Table 9-11 lists the SYS interrupt vector registers.
Table 9-11. System Module Interrupt Vector Registers
INTERRUPT VECTOR REGISTER
INTERRUPT EVENT
WORD ADDRESS
OFFSET
PRIORITY
SYSRSTIV, System Reset
No interrupt pending
019Eh
00h
Brownout (BOR)
02h
Highest
RST/NMI (BOR)
04h
PMMSWBOR (BOR)
06h
LPM3.5 or LPM4.5 wakeup (BOR)
08h
Security violation (BOR)
0Ah
SVSL (POR)
0Ch
SVSH (POR)
0Eh
SVML_OVP (POR)
10h
SVMH_OVP (POR)
12h
PMMSWPOR (POR)
14h
WDT time-out (PUC)
16h
WDT key violation (PUC)
18h
KEYV flash key violation (PUC)
1Ah
Reserved
1Ch
Peripheral area fetch (PUC)
1Eh
PMM key violation (PUC)
20h
Reserved
22h to 3Eh
Lowest
SYSSNIV, System NMI
No interrupt pending
019Ch
00h
SVMLIFG
02h
Highest
SVMHIFG
04h
DLYLIFG
06h
DLYHIFG
08h
VMAIFG
0Ah
JMBINIFG
0Ch
JMBOUTIFG
0Eh
SVMLVLRIFG
10h
SVMHVLRIFG
12h
Reserved
14h to 1Eh
Lowest
SYSUNIV, User NMI
No interrupt pending
019Ah
00h
NMIIFG
02h
Highest
OFIFG
04h
ACCVIFG
06h
BUSIFG
08h
Reserved
0Ah to 1Eh
Lowest
SYSBERRIV, Bus Error
No interrupt pending
0198h
00h
USB wait state time-out
02h
Highest
Reserved
04h to 1Eh
Lowest
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com