Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 86 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
Table 9-46. ADC12_A Registers (Base Address: 0700h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
ADC memory control 4
ADC12MCTL4
14h
ADC memory control 5
ADC12MCTL5
15h
ADC memory control 6
ADC12MCTL6
16h
ADC memory control 7
ADC12MCTL7
17h
ADC memory control 8
ADC12MCTL8
18h
ADC memory control 9
ADC12MCTL9
19h
ADC memory control 10
ADC12MCTL10
1Ah
ADC memory control 11
ADC12MCTL11
1Bh
ADC memory control 12
ADC12MCTL12
1Ch
ADC memory control 13
ADC12MCTL13
1Dh
ADC memory control 14
ADC12MCTL14
1Eh
ADC memory control 15
ADC12MCTL15
1Fh
Conversion memory 0
ADC12MEM0
20h
Conversion memory 1
ADC12MEM1
22h
Conversion memory 2
ADC12MEM2
24h
Conversion memory 3
ADC12MEM3
26h
Conversion memory 4
ADC12MEM4
28h
Conversion memory 5
ADC12MEM5
2Ah
Conversion memory 6
ADC12MEM6
2Ch
Conversion memory 7
ADC12MEM7
2Eh
Conversion memory 8
ADC12MEM8
30h
Conversion memory 9
ADC12MEM9
32h
Conversion memory 10
ADC12MEM10
34h
Conversion memory 11
ADC12MEM11
36h
Conversion memory 12
ADC12MEM12
38h
Conversion memory 13
ADC12MEM13
3Ah
Conversion memory 14
ADC12MEM14
3Ch
Conversion memory 15
ADC12MEM15
3Eh
Table 9-47. DAC12_A Registers (Base Address: 0780h)
REGISTER DESCRIPTION
REGISTER
OFFSET
DAC12_A channel 0 control 0
DAC12_0CTL0
00h
DAC12_A channel 0 control 1
DAC12_0CTL1
02h
DAC12_A channel 0 data
DAC12_0DAT
04h
DAC12_A channel 0 calibration control
DAC12_0CALCTL
06h
DAC12_A channel 0 calibration data
DAC12_0CALDAT
08h
DAC12_A channel 1 control 0
DAC12_1CTL0
10h
DAC12_A channel 1 control 1
DAC12_1CTL1
12h
DAC12_A channel 1 data
DAC12_1DAT
14h
DAC12_A channel 1 calibration control
DAC12_1CALCTL
16h
DAC12_A channel 1 calibration data
DAC12_1CALDAT
18h
DAC12_A interrupt vector word
DAC12IV
1Eh
Table 9-48. Comparator_B Registers (Base Address: 08C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Comp_B control 0
CBCTL0
00h
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
86
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com