Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
9.12.12 Timer TA1
Timer TA1 is a 16-bit timer/counter (Timer_A type) with three capture/compare registers. TA1 supports multiple
capture/compares, PWM outputs, and interval timing (see Table 9-14). TA1 also has extensive interrupt
capabilities. Interrupts may be generated from the counter on overflow conditions and from each capture/
compare register.
Table 9-14. Timer TA1 Signal Connections
INPUT PIN NUMBER
DEVICE
INPUT
SIGNAL
MODULE
INPUT
SIGNAL
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
DEVICE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PZ
ZCA, ZQW
PZ
ZCA, ZQW
42-P3.0
L7-P3.0
TA1CLK
TACLK
Timer
NA
NA
ACLK
ACLK
SMCLK
SMCLK
42-P3.0
L7-P3.0
TA1CLK
TACLK
43-P3.1
H7-P3.1
TA1.0
CCI0A
CCR0
TA0
TA1.0
43-P3.1
H7-P3.1
DVSS
CCI0B
DVSS
GND
DVCC
VCC
44-P3.2
M8-P3.2
TA1.1
CCI1A
CCR1
TA1
TA1.1
44-P3.2
M8-P3.2
CBOUT
(internal)
CCI1B
DAC12_A(1)
DAC12_0, DAC12_1
(internal)
DVSS
GND
DVCC
VCC
45-P3.3
L8-P3.3
TA1.2
CCI2A
CCR2
TA2
TA1.2
45-P3.3
L8-P3.3
ACLK
(internal)
CCI2B
DVSS
GND
DVCC
VCC
(1)
Only on devices with peripheral module DAC12_A.
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
72
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com