Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 133 page
background image
8.25 PMM, SVS Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVSL)
SVSL current consumption
SVSLE = 0, PMMCOREV = 2
0
nA
SVSLE = 1, PMMCOREV = 2, SVSLFP = 0
200
SVSLE = 1, PMMCOREV = 2, SVSLFP = 1
2.0
µA
tpd(SVSL)
SVSL propagation delay
SVSLE = 1, dVCORE/dt = 10 mV/µs, SVSLFP = 1
2.5
µs
SVSLE = 1, dVCORE/dt = 1 mV/µs, SVSLFP = 0
20
t(SVSL)
SVSL on or off delay time
SVSLE = 0→1, SVSLFP = 1
12.5
µs
SVSLE = 0→1, SVSLFP = 0
100
8.26 PMM, SVM Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVML)
SVML current consumption
SVMLE = 0, PMMCOREV = 2
0
nA
SVMLE = 1, PMMCOREV = 2, SVMLFP = 0
200
SVMLE = 1, PMMCOREV = 2, SVMLFP = 1
2.0
µA
tpd(SVML) SVML propagation delay
SVMLE = 1, dVCORE/dt = 10 mV/µs, SVMLFP = 1
2.5
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs, SVMLFP = 0
20
t(SVML)
SVML on or off delay time
SVMLE = 0→1, SVMLFP = 1
12.5
µs
SVMLE = 0→1, SVMLFP = 0
100
8.27 Wake-up Times From Low-Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tWAKE-UP-FAST
Wake-up time from LPM2,
LPM3, or LPM4 to active
mode(1)
PMMCOREV = SVSMLRRL = n
(where n = 0, 1, 2, or 3),
SVSLFP = 1
fMCLK ≥ 4 MHz
3
6.5
µs
1 MHz < fMCLK <
4 MHz
4
8.0
tWAKE-UP-SLOW
Wake-up time from LPM2,
LPM3, or LPM4 to active
mode(2) (3)
PMMCOREV = SVSMLRRL = n
(where n = 0, 1, 2, or 3),
SVSLFP = 0
150
165
µs
tWAKE-UP-LPM5
Wake-up time from LPM3.5 or
LPM4.5 to active mode(4)
2
3
ms
tWAKE-UP-RESET
Wake-up time from RST or
BOR event to active mode(4)
2
3
ms
(1)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the
performance mode of the low-side supervisor (SVSL) and low-side monitor (SVML). tWAKE-UP-FAST is possible with SVSL and SVML in
full performance mode or disabled. For specific register settings, see the Low-Side SVS and SVM Control and Performance Mode
Selection section in the Power Management Module and Supply Voltage Supervisor chapter of the MSP430F5xx and MSP430F6xx
Family User's Guide.
(2)
This value represents the time from the wake-up event to the first active edge of MCLK. The wake-up time depends on the
performance mode of the low-side supervisor (SVSL) and low-side monitor (SVML). tWAKE-UP-SLOW is set with SVSL and SVML in
normal mode (low current mode). For specific register settings, see the Low-Side SVS and SVM Control and Performance Mode
Selection section in the Power Management Module and Supply Voltage Supervisor chapter of the MSP430F5xx and MSP430F6xx
Family User's Guide.
(3)
The wake-up times from LPM0 and LPM1 to AM are not specified. They are proportional to MCLK cycle time but are not affected by
the performance mode settings as for LPM2, LPM3, and LPM4.
(4)
This value represents the time from the wake-up event to the reset vector execution.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com