Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
8.47 12-Bit DAC, Output Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VO
Output voltage range(1)
(see Figure 8-18)
No load, VeREF+ = AVCC,
DAC12_xDAT = 0h, DAC12IR = 1,
DAC12AMPx = 7
2.2 V, 3 V
0
0.005
V
No load, VeREF+ = AVCC,
DAC12_xDAT = 0FFFh, DAC12IR = 1,
DAC12AMPx = 7
AVCC –
0.05
AVCC
RLoad = 3 kΩ, VeREF+ = AVCC,
DAC12_xDAT = 0h, DAC12IR = 1,
DAC12AMPx = 7
0
0.1
RLoad = 3 kΩ, VeREF+ = AVCC,
DAC12_xDAT = 0FFFh, DAC12IR = 1,
DAC12AMPx = 7
AVCC –
0.13
AVCC
CL(DAC12)
Maximum DAC12 load
capacitance
2.2 V, 3 V
100
pF
IL(DAC12)
Maximum DAC12 load
current
DAC12AMPx = 2, DAC12_xDAT = 0FFFh,
VO/P(DAC12) > AVCC – 0.3
2.2 V, 3 V
–1
mA
DAC12AMPx = 2, DAC12_xDAT = 0h,
VO/P(DAC12) < 0.3 V
1
RO/P(DAC12)
Output resistance (see
Figure 8-18)
RLoad = 3 kΩ, VO/P(DAC12) < 0.3 V,
DAC12AMPx = 2, DAC12_xDAT = 0h
2.2 V, 3 V
150
250
Ω
RLoad = 3 kΩ, VO/P(DAC12) > AVCC – 0.3 V,
DAC12_xDAT = 0FFFh
150
250
RLoad = 3 kΩ,
0.3 V ≤ VO/P(DAC12) ≤ AVCC – 0.3 V
6
(1)
Data is valid after the offset calibration of the output amplifier.
R
O/P(DAC12_x)
Max
0.3
AV
CC
AV
– 0.3 V
CC
V
OUT
Min
R
Load
AV
CC
C
= 100 pF
Load
2
I
Load
DAC12
O/P(DAC12_x)
Figure 8-18. DAC12_x Output Resistance Tests
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com