Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
P4.4/TB0.4/S19
54
L12
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
LCD segment output S19
P4.5/TB0.5/S18
55
L11
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
LCD segment output S18
P4.6/TB0.6/S17
56
K11
I/O
General-purpose digital I/O with port interrupt
Timer TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
LCD segment output S17
P4.7/TB0OUTH/SVMOUT/S16
57
K12
I/O
General-purpose digital I/O with port interrupt
Timer TB0: Switch all PWM outputs high impedance
SVM output
LCD segment output S16
P8.0/TB0CLK/S15
58
J11
I/O
General-purpose digital I/O
Timer TB0 clock input
LCD segment output S15
P8.1/UCB1STE/UCA1CLK/S14
59
J12
I/O
General-purpose digital I/O
USCI_B1 SPI slave transmit enable; USCI_A1 clock input/output
LCD segment output S14
P8.2/UCA1TXD/UCA1SIMO/S13
60
H11
I/O
General-purpose digital I/O
USCI_A1 UART transmit data; USCI_A1 SPI slave in/master out
LCD segment output S13
P8.3/UCA1RXD/UCA1SOMI/S12
61
H12
I/O
General-purpose digital I/O
USCI_A1 UART receive data; USCI_A1 SPI slave out/master in
LCD segment output S12
P8.4/UCB1CLK/UCA1STE/S11
62
G11
I/O
General-purpose digital I/O
USCI_B1 clock input/output; USCI_A1 SPI slave transmit enable
LCD segment output S11
DVSS2
63
G12
Digital ground supply
DVCC2
64
F12
Digital power supply
P8.5/UCB1SIMO/UCB1SDA/S10
65
F11
I/O
General-purpose digital I/O
USCI_B1 SPI slave in/master out; USCI_B1 I2C data
LCD segment output S10
P8.6/UCB1SOMI/UCB1SCL/S9
66
G9
I/O
General-purpose digital I/O
USCI_B1 SPI slave out/master in; USCI_B1 I2C clock
LCD segment output S9
P8.7/S8
67
E12
I/O
General-purpose digital I/O
LCD segment output S8
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com