Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 133 page
background image
8.37 12-Bit ADC, Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
AVCC
Analog supply voltage
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V
2.2
3.6
V
V(Ax)
Analog input voltage range(3) All ADC12 analog input pins Ax
0
AVCC
V
IADC12_A
Operating supply current into
AVCC terminal(4)
fADC12CLK = 5 MHz(1)
2.2 V
150
200
µA
3 V
150
250
CI
Input capacitance
Only one terminal Ax can be selected at one
time
2.2 V
20
25
pF
RI
Input MUX ON resistance
0 V ≤ VIN ≤ V(AVCC)
10
200
1900
Ω
(1)
ADC12ON = 1, REFON = 0, SHT0 = 0, SHT1 = 0, ADC12DIV = 0
(2)
The leakage current is specified by the digital I/O input leakage.
(3)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results. If the
reference voltage is supplied by an external source or if the internal voltage is used and REFOUT = 1, then decoupling capacitors are
required. See Section 8.43 and Section 8.44.
(4)
The internal reference supply current is not included in current consumption parameter IADC12.
8.38 12-Bit ADC, Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
fADC12CLK
ADC conversion clock
For specified performance of ADC12 linearity
parameters using an external reference
voltage or AVCC as reference(1)
2.2 V, 3 V
0.45
4.8
5.0
MHz
For specified performance of ADC12 linearity
parameters using the internal reference(2)
0.45
2.4
4.0
For specified performance of ADC12 linearity
parameters using the internal reference(3)
0.45
2.4
2.7
fADC12OSC
Internal ADC12
oscillator(5)
ADC12DIV = 0, fADC12CLK = fADC12OSC
2.2 V, 3 V
4.2
4.8
5.4
MHz
tCONVERT
Conversion time
REFON = 0, Internal oscillator,
ADC12OSC used for ADC conversion clock
2.2 V, 3 V
2.4
3.1
µs
External fADC12CLK from ACLK, MCLK or
SMCLK, ADC12SSEL ≠ 0
13 ×
1 / fADC12CLK
tSample
Sampling time
RS = 400 Ω, RI = 200 Ω, CI = 20 pF,
τ = (RS + RI) × CI (4)
2.2 V, 3 V
1000
ns
(1)
REFOUT = 0, external reference voltage: SREF2 = 0, SREF1 = 1, SREF0 = 0. AVCC as reference voltage: SREF2 = 0, SREF1 = 0,
SREF0 = 0. The specified performance of the ADC12 linearity is ensured when using the ADC12OSC. For other clock sources, the
specified performance of the ADC12 linearity is ensured with fADC12CLK maximum of 5 MHz.
(2)
SREF2 = 0, SREF1 = 1, SREF0 = 0, ADC12SR = 0, REFOUT = 1
(3)
SREF2 = 0, SREF1 = 1, SREF0 = 0, ADC12SR = 0, REFOUT = 0. The specified performance of the ADC12 linearity is ensured when
using the ADC12OSC divided by 2.
(4)
Approximately 10 Tau (τ) are needed to get an error of less than ±0.5 LSB:
tSample = ln(2n+1) x (RS + RI) × CI + 800 ns, where n = ADC resolution = 12, RS = external source resistance
(5)
The ADC12OSC is sourced directly from MODOSC inside the UCS.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com