Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
8.36 LCD_B, Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLCD
LCD voltage
VLCDx = 0000, VLCDEXT = 0
2.4 V to 3.6 V
VCC
V
LCDCPEN = 1, VLCDx = 0001
2 V to 3.6 V
2.60
LCDCPEN = 1, VLCDx = 0010
2 V to 3.6 V
2.66
LCDCPEN = 1, VLCDx = 0011
2 V to 3.6 V
2.72
LCDCPEN = 1, VLCDx = 0100
2 V to 3.6 V
2.79
LCDCPEN = 1, VLCDx = 0101
2 V to 3.6 V
2.85
LCDCPEN = 1, VLCDx = 0110
2 V to 3.6 V
2.92
LCDCPEN = 1, VLCDx = 0111
2 V to 3.6 V
2.98
LCDCPEN = 1, VLCDx = 1000
2 V to 3.6 V
3.05
LCDCPEN = 1, VLCDx = 1001
2 V to 3.6 V
3.10
LCDCPEN = 1, VLCDx = 1010
2 V to 3.6 V
3.17
LCDCPEN = 1, VLCDx = 1011
2 V to 3.6 V
3.24
LCDCPEN = 1, VLCDx = 1100
2 V to 3.6 V
3.30
LCDCPEN = 1, VLCDx = 1101
2.2 V to 3.6 V
3.36
LCDCPEN = 1, VLCDx = 1110
2.2 V to 3.6 V
3.42
LCDCPEN = 1, VLCDx = 1111
2.2 V to 3.6 V
3.48
3.6
ICC,Peak,CP
Peak supply currents due to
charge pump activities
LCDCPEN = 1, VLCDx = 1111
2.2 V
400
µA
tLCD,CP,on
Time to charge CLCD when
discharged
CLCD = 4.7 µF,
LCDCPEN = 0→1, VLCDx = 1111
2.2 V
100
500
ms
ICP,Load
Maximum charge pump load
current
LCDCPEN = 1, VLCDx = 1111
2.2 V
50
µA
RLCD,Seg
LCD driver output
impedance, segment lines
LCDCPEN = 1, VLCDx = 1000,
ILOAD = ±10 µA
2.2 V
10
kΩ
RLCD,COM
LCD driver output
impedance, common lines
LCDCPEN = 1, VLCDx = 1000,
ILOAD = ±10 µA
2.2 V
10
kΩ
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com