Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 17Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 18Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 19Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 20Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 21Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 22Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 133 page
background image
Table 7-1. Signal Descriptions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.(4)
PZ
ZCA,
ZQW
DVSS3
90
A5
Digital ground supply
TEST/SBWTCK
91
B6
I
Test mode pin; selects digital I/O on JTAG pins
Spy-Bi-Wire input clock
PJ.0/TDO
92
B5
I/O
General-purpose digital I/O
Test data output port
PJ.1/TDI/TCLK
93
A4
I/O
General-purpose digital I/O
Test data input or test clock input
PJ.2/TMS
94
E7
I/O
General-purpose digital I/O
Test mode select
PJ.3/TCK
95
D6
I/O
General-purpose digital I/O
Test clock
RST/NMI/SBWTDIO
96
A3
I/O
Reset input (active low)(3)
Nonmaskable interrupt input
Spy-Bi-Wire data input/output
P6.0/CB0/A0
97
B4
I/O
General-purpose digital I/O
Comparator_B input CB0
Analog input A0 – ADC (not available on F6632, F6631, and F6630 devices)
P6.1/CB1/A1
98
B3
I/O
General-purpose digital I/O
Comparator_B input CB1
Analog input A1 – ADC (not available on F6632, F6631, and F6630 devices)
P6.2/CB2/A2
99
A2
I/O
General-purpose digital I/O
Comparator_B input CB2
Analog input A2 – ADC (not available on F6632, F6631, and F6630 devices)
P6.3/CB3/A3
100
D5
I/O
General-purpose digital I/O
Comparator_B input CB3
Analog input A3 – ADC (not available on F6632, F6631, and F6630 devices)
Reserved
N/A
E5,
E6,
E8,
F4,
F5,
F8,
G5,
G8,
H5,
H8,
H9
Reserved. TI recommends connecting to ground (DVSS, AVSS).
(1)
I = input, O = output, N/A = not available on this package offering
(2)
VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
(3)
When this pin is configured as reset, the internal pullup resistor is enabled by default.
(4)
See the Package Option Addendum in Section 11 to determine which devices are available in each package.
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com