Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 133 page
background image
Table 9-48. Comparator_B Registers (Base Address: 08C0h) (continued)
REGISTER DESCRIPTION
REGISTER
OFFSET
Comp_B control 1
CBCTL1
02h
Comp_B control 2
CBCTL2
04h
Comp_B control 3
CBCTL3
06h
Comp_B interrupt
CBINT
0Ch
Comp_B interrupt vector word
CBIV
0Eh
Table 9-49. USB Configuration Registers (Base Address: 0900h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USB key/ID
USBKEYID
00h
USB module configuration
USBCNF
02h
USB PHY control
USBPHYCTL
04h
USB power control
USBPWRCTL
08h
USB power voltage setting
USBPWRVSR
0Ah
USB PLL control
USBPLLCTL
10h
USB PLL divider
USBPLLDIV
12h
USB PLL interrupts
USBPLLIR
14h
Table 9-50. USB Control Registers (Base Address: 0920h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Input endpoint_0 configuration
USBIEPCNF_0
00h
Input endpoint_0 byte count
USBIEPCNT_0
01h
Output endpoint_0 configuration
USBOEPCNF_0
02h
Output endpoint_0 byte count
USBOEPCNT_0
03h
Input endpoint interrupt enables
USBIEPIE
0Eh
Output endpoint interrupt enables
USBOEPIE
0Fh
Input endpoint interrupt flags
USBIEPIFG
10h
Output endpoint interrupt flags
USBOEPIFG
11h
USB interrupt vector
USBIV
12h
USB maintenance
USBMAINT
16h
Timestamp
USBTSREG
18h
USB frame number
USBFN
1Ah
USB control
USBCTL
1Ch
USB interrupt enables
USBIE
1Dh
USB interrupt flags
USBIFG
1Eh
Function address
USBFUNADR
1Fh
Table 9-51. LCD_B Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LCD_B control 0
LCDBCTL0
000h
LCD_B control 1
LCDBCTL1
002h
LCD_B blinking control
LCDBBLKCTL
004h
LCD_B memory control
LCDBMEMCTL
006h
LCD_B voltage control
LCDBVCTL
008h
LCD_B port control 0
LCDBPCTL0
00Ah
LCD_B port control 1
LCDBPCTL1
00Ch
LCD_B port control 2
LCDBPCTL2
00Eh
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com