| Electronic Components Datasheet Search |
|
MSP430F6638IPZ Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6638IPZ Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 133 page ![]() 6 Device Comparison Table 6-1 summarizes the available family members. Table 6-1. Device Comparison DEVICE(1) (2) FLASH (KB) SRAM (KB)(5) Timer_A(3) Timer_B(4) USCI_A: UART, IrDA, SPI USCI_B: SPI, I2C ADC12_A (Ch) DAC12_A (Ch) Comp_B (Ch) USB I/O PACKAGE MSP430F6638 256 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int 2 12 Yes 74 100 PZ, 113 ZCA, 113 ZQW MSP430F6637 192 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int 2 12 Yes 74 100 PZ MSP430F6636 128 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int 2 12 Yes 74 100 PZ, 113 ZCA, 113 ZQW MSP430F6635 256 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int – 12 Yes 74 100 PZ, 113 ZQW MSP430F6634 192 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int – 12 Yes 74 100 PZ, 113 ZCA, 113 ZQW MSP430F6633 128 16 + 2 5, 3, 3 7 2 2 12 ext, 4 int – 12 Yes 74 100 PZ, 113 ZCA, 113 ZQW MSP430F6632 256 16 + 2 5, 3, 3 7 2 2 – – 12 Yes 74 100 PZ MSP430F6631 192 16 + 2 5, 3, 3 7 2 2 – – 12 Yes 74 100 PZ MSP430F6630 128 16 + 2 5, 3, 3 7 2 2 – – 12 Yes 74 100 PZ (1) For the most current package and ordering information, see the Package Option Addendum in Section 11, or see the TI website at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/ packaging. (3) Each number in the sequence represents an instantiation of Timer_A with its associated number of capture/compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively. (4) Each number in the sequence represents an instantiation of Timer_B with its associated number of capture/compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively. (5) The additional 2KB of USB SRAM that is listed can be used as general-purpose SRAM when USB is not in use. 6.1 Related Products For information about other devices in this family of products or related products, see the following links. TI 16-bit and 32-bit microcontrollers High-performance, low-power solutions to enable the autonomous future Products for MSP430 ultra-low-power sensing & measurement MCUs One platform. One ecosystem. Endless possibilities. Companion products for MSP430F6638 Review products that are frequently purchased or used in conjunction with this product. Reference designs for MSP430F6638 Find reference designs leveraging the best in TI technology to solve your system-level challenges MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634 MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630 SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020 www.ti.com 8 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634 MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |