Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
8.33 USCI (SPI Slave Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
(see Figure 8-13 and Figure 8-14)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
tSTE,LEAD
STE lead time, STE low to clock
PMMCOREV = 0
1.8 V
11
ns
3 V
8
PMMCOREV = 3
2.4 V
7
3 V
6
tSTE,LAG
STE lag time, Last clock to STE high
PMMCOREV = 0
1.8 V
3
ns
3 V
3
PMMCOREV = 3
2.4 V
3
3 V
3
tSTE,ACC
STE access time, STE low to SOMI data out
PMMCOREV = 0
1.8 V
66
ns
3 V
50
PMMCOREV = 3
2.4 V
36
3 V
30
tSTE,DIS
STE disable time, STE high to SOMI high impedance
PMMCOREV = 0
1.8 V
30
ns
3 V
23
PMMCOREV = 3
2.4 V
16
3 V
13
tSU,SI
SIMO input data setup time
PMMCOREV = 0
1.8 V
5
ns
3 V
5
PMMCOREV = 3
2.4 V
2
3 V
2
tHD,SI
SIMO input data hold time
PMMCOREV = 0
1.8 V
5
ns
3 V
5
PMMCOREV = 3
2.4 V
5
3 V
5
tVALID,SO
SOMI output data valid time(2)
UCLK edge to SOMI valid,
CL = 20 pF,
PMMCOREV = 0
1.8 V
76
ns
3 V
60
UCLK edge to SOMI valid,
CL = 20 pF,
PMMCOREV = 3
2.4 V
44
3 V
40
tHD,SO
SOMI output data hold time(3)
CL = 20 pF,
PMMCOREV = 0
1.8 V
18
ns
3 V
12
CL = 20 pF,
PMMCOREV = 3
2.4 V
10
3 V
8
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(Master) + tSU,SI(USCI), tSU,MI(Master) + tVALID,SO(USCI))
For the master parameters tSU,MI(Master) and tVALID,MO(Master), see the SPI parameters of the attached master.
(2)
Specifies the time to drive the next valid data to the SOMI output after the output changing UCLK clock edge. See the timing diagrams
in Figure 8-13 and Figure 8-14.
(3)
Specifies how long data on the SOMI output is valid after the output changing UCLK clock edge. See the timing diagrams in Figure
8-13 and Figure 8-14.
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
40
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com