Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
8.42 12-Bit ADC, Temperature Sensor and Built-In VMID
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VSENSOR
Temperature sensor voltage(2)
(see )Figure 8-16
ADC12ON = 1, INCH = 0Ah,
TA = 0°C
2.2 V
680
mV
3 V
680
TCSENSOR
Temperature coefficient of
sensor(2)
ADC12ON = 1, INCH = 0Ah
2.2 V
2.25
mV/°C
3 V
2.25
tSENSOR(sample)
Sample time required if
channel 10 is selected(3)
ADC12ON = 1, INCH = 0Ah,
Error of conversion result ≤ 1 LSB
2.2 V
100
µs
3 V
100
VMID
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh,
VMID ≈ 0.5 × VAVCC
2.2 V
1.06
1.1
1.14
V
3 V
1.46
1.5
1.54
tVMID(sample)
Sample time required if
channel 11 is selected(4)
ADC12ON = 1, INCH = 0Bh,
Error of conversion result ≤ 1 LSB
2.2 V, 3 V
1000
ns
(1)
The temperature sensor is provided by the REF module. See the REF module parametric, IREF+, regarding the current consumption of
the temperature sensor.
(2)
The temperature sensor offset can be significant. TI recommends a single-point calibration to minimize the offset error of the built-in
temperature sensor. The TLV structure contains calibration values for 30°C ±3°C and 85°C ±3°C for each of the available reference
voltage levels. The sensor voltage can be computed as VSENSE = TCSENSOR × (Temperature,°C) + VSENSOR, where TCSENSOR and
VSENSOR can be computed from the calibration values for higher accuracy. See also the MSP430F5xx and MSP430F6xx Family User's
Guide.
(3)
The typical equivalent impedance of the sensor is 51 kΩ. The sample time required includes the sensor-on time tSENSOR(on).
(4)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
Ambient Temperature (°C)
500
550
600
650
700
750
800
850
900
950
1000
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
Figure 8-16. Typical Temperature Sensor Voltage
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com