Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 133 page
background image
8.23 PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVSH)
SVS current consumption
SVSHE = 0, DVCC = 3.6 V
0
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
2.0
µA
V(SVSH_IT–)
SVSH on voltage level(1)
SVSHE = 1, SVSHRVL = 0
1.59
1.64
1.69
V
SVSHE = 1, SVSHRVL = 1
1.79
1.84
1.91
SVSHE = 1, SVSHRVL = 2
1.98
2.04
2.11
SVSHE = 1, SVSHRVL = 3
2.10
2.16
2.23
V(SVSH_IT+)
SVSH off voltage level(1)
SVSHE = 1, SVSMHRRL = 0
1.62
1.74
1.81
V
SVSHE = 1, SVSMHRRL = 1
1.88
1.94
2.01
SVSHE = 1, SVSMHRRL = 2
2.07
2.14
2.21
SVSHE = 1, SVSMHRRL = 3
2.20
2.26
2.33
SVSHE = 1, SVSMHRRL = 4
2.32
2.40
2.48
SVSHE = 1, SVSMHRRL = 5
2.56
2.70
2.84
SVSHE = 1, SVSMHRRL = 6
2.85
3.00
3.15
SVSHE = 1, SVSMHRRL = 7
2.85
3.00
3.15
tpd(SVSH)
SVSH propagation delay
SVSHE = 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
2.5
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
20
t(SVSH)
SVSH on or off delay time
SVSHE = 0→1, SVSHFP = 1
12.5
µs
SVSHE = 0→1, SVSHFP = 0
100
dVDVCC/dt
DVCC rise time
0
1000
V/s
(1)
The SVSH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the MSP430F5xx and MSP430F6xx Family User's Guide on recommended settings and usage.
8.24 PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVMH)
SVMH current consumption
SVMHE = 0, DVCC = 3.6 V
0
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 0
200
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
2.0
µA
V(SVMH)
SVMH on or off voltage level(1)
SVMHE = 1, SVSMHRRL = 0
1.65
1.74
1.86
V
SVMHE = 1, SVSMHRRL = 1
1.85
1.94
2.02
SVMHE = 1, SVSMHRRL = 2
2.02
2.14
2.22
SVMHE = 1, SVSMHRRL = 3
2.18
2.26
2.35
SVMHE = 1, SVSMHRRL = 4
2.32
2.40
2.48
SVMHE = 1, SVSMHRRL = 5
2.56
2.70
2.84
SVMHE = 1, SVSMHRRL = 6
2.85
3.00
3.15
SVMHE = 1, SVSMHRRL = 7
2.85
3.00
3.15
SVMHE = 1, SVMHOVPE = 1
3.75
tpd(SVMH)
SVMH propagation delay
SVMHE = 1, dVDVCC/dt = 10 mV/µs, SVMHFP = 1
2.5
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs, SVMHFP = 0
20
t(SVMH)
SVMH on or off delay time
SVMHE = 0→1, SVSMFP = 1
12.5
µs
SVMHE = 0→1, SVMHFP = 0
100
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the MSP430F5xx and MSP430F6xx Family User's Guide on recommended settings and usage.
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com