Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 27Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
(4)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies between the MIN and MAX specifications might set the flag.
(5)
To improve EMI on the XT2 oscillator the following guidelines should be observed.
•
Keep the traces between the device and the crystal as short as possible.
•
Design a good ground plane around the oscillator pins.
•
Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
•
Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
•
Use assembly materials and processes that avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
•
If conformal coating is used, make sure that it does not induce capacitive or resistive leakage between the oscillator pins.
(6)
When XT2BYPASS is set, the XT2 circuit is automatically powered down.
(7)
Maximum frequency of operation of the entire device cannot be exceeded.
(8)
Oscillation allowance is based on a safety factor of 5 for recommended crystals.
8.18 Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
fVLO
VLO frequency
Measured at ACLK
1.8 V to 3.6 V
6
9.4
14
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.5
%/°C
dfVLO/dVCC VLO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
4
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40%
50%
60%
(1)
Calculated using the box method: (MAX(–40°C to +85°C) – MIN(–40°C to +85°C)) / MIN(–40°C to +85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
8.19 Internal Reference, Low-Frequency Oscillator (REFO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
IREFO
REFO oscillator current
consumption
TA = 25°C
1.8 V to 3.6 V
3
µA
fREFO
REFO frequency calibrated
Measured at ACLK
1.8 V to 3.6 V
32768
Hz
REFO absolute tolerance
calibrated
Full temperature range
1.8 V to 3.6 V
±3.5%
TA = 25°C
3 V
±1.5%
dfREFO/dT
REFO frequency temperature drift Measured at ACLK(1)
1.8 V to 3.6 V
0.01
%/°C
dfREFO/dVCC
REFO frequency supply voltage
drift
Measured at ACLK(2)
1.8 V to 3.6 V
1.0
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40%
50%
60%
tSTART
REFO start-up time
40%/60% duty cycle
1.8 V to 3.6 V
25
µs
(1)
Calculated using the box method: (MAX(–40°C to +85°C) – MIN(–40°C to +85°C)) / MIN(–40°C to +85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com