Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 133 page
background image
8.52 Ports PU.0 and PU.1
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
VUSB = 3.3 V ±10%, IOH = –25 mA
2.4
V
VOL
Low-level output voltage
VUSB = 3.3 V ±10%, IOL = 25 mA
0.4
V
VIH
High-level input voltage
VUSB = 3.3 V ±10%
2.0
V
VIL
Low-level input voltage
VUSB = 3.3 V ±10%
0.8
V
8.53 USB Output Ports DP and DM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
D+, D– single ended
USB 2.0 load conditions
2.8
3.6
V
VOL
D+, D– single ended
USB 2.0 load conditions
0
0.3
V
Z(DRV)
D+, D– impedance
Including external series resistor of 27 Ω
28
44
Ω
tRISE
Rise time
Full speed, differential, CL = 50 pF, 10%/90%, Rpu on D+
4
20
ns
tFALL
Fall time
Full speed, differential, CL = 50 pF, 10%/90%, Rpu on D+
4
20
ns
8.54 USB Input Ports DP and DM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
MIN
MAX UNIT
V(CM)
Differential input common-mode range
0.8
2.5
V
Z(IN)
Input impedance
300
kΩ
VCRS
Crossover voltage
1.3
2.0
V
VIL
Static SE input logic low level
0.8
V
VIH
Static SE input logic high level
2.0
V
VDI
Differential input voltage
0.2
V
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
56
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com