Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 76 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
9.12.23 Peripheral File Map
Table 9-17 lists the register base address for all of the available peripheral modules.
Table 9-17. Peripherals
MODULE NAME
BASE ADDRESS
OFFSET ADDRESS RANGE(1)
Special Functions (see Table 9-18)
0100h
000h to 01Fh
PMM (see Table 9-19)
0120h
000h to 010h
Flash Control (see Table 9-20)
0140h
000h to 00Fh
CRC16 (see Table 9-21)
0150h
000h to 007h
RAM Control (see Table 9-22)
0158h
000h to 001h
Watchdog (see Table 9-23)
015Ch
000h to 001h
UCS (see Table 9-24)
0160h
000h to 01Fh
SYS (see Table 9-25)
0180h
000h to 01Fh
Shared Reference (see Table 9-26)
01B0h
000h to 001h
Port Mapping Control (see Table 9-27)
01C0h
000h to 003h
Port Mapping Port P2 (see Table 9-27)
01D0h
000h to 007h
Port P1, P2 (see Table 9-28)
0200h
000h to 01Fh
Port P3, P4 (see Table 9-29)
0220h
000h to 01Fh
Port P5, P6 (see Table 9-30)
0240h
000h to 00Bh
Port P7, P8 (see Table 9-31)
0260h
000h to 00Bh
Port P9 (see Table 9-32)
0280h
000h to 00Bh
Port PJ (see Table 9-33)
0320h
000h to 01Fh
Timer TA0 (see Table 9-34)
0340h
000h to 02Eh
Timer TA1 (see Table 9-35)
0380h
000h to 02Eh
Timer TB0 (see Table 9-36)
03C0h
000h to 02Eh
Timer TA2 (see Table 9-37)
0400h
000h to 02Eh
Battery Backup (see Table 9-38)
0480h
000h to 01Fh
RTC_B (see Table 9-39)
04A0h
000h to 01Fh
32-bit Hardware Multiplier (see Table 9-40)
04C0h
000h to 02Fh
DMA General Control (see Table 9-41)
0500h
000h to 00Fh
DMA Channel 0 (see Table 9-41)
0510h
000h to 00Ah
DMA Channel 1 (see Table 9-41)
0520h
000h to 00Ah
DMA Channel 2 (see Table 9-41)
0530h
000h to 00Ah
DMA Channel 3 (see Table 9-41)
0540h
000h to 00Ah
DMA Channel 4 (see Table 9-41)
0550h
000h to 00Ah
DMA Channel 5 (see Table 9-41)
0560h
000h to 00Ah
USCI_A0 (see Table 9-42)
05C0h
000h to 01Fh
USCI_B0 (see Table 9-43)
05E0h
000h to 01Fh
USCI_A1 (see Table 9-44)
0600h
000h to 01Fh
USCI_B1 (see Table 9-45)
0620h
000h to 01Fh
ADC12_A (see Table 9-46)
0700h
000h to 03Fh
DAC12_A (see Table 9-47)
0780h
000h to 01Fh
Comparator_B (see Table 9-48)
08C0h
000h to 00Fh
USB configuration (see Table 9-49)
0900h
000h to 014h
USB control (see Table 9-50)
0920h
000h to 01Fh
LCD_B control (see Table 9-51)
0A00h
000h to 05Fh
(1)
For a detailed description of the individual control register offset addresses, see the MSP430F5xx and MSP430F6xx Family User's
Guide.
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
www.ti.com
76
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com