Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6638IPZ Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6638IPZ
Description  MSP430F663x Mixed-Signal Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6638IPZ Datasheet(HTML) 67 Page - Texas Instruments

Back Button MSP430F6638IPZ Datasheet HTML 63Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 64Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 65Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6638IPZ Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 133 page
background image
Table 9-9. Port Mapping Mnemonics and Functions (continued)
VALUE
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
10
PM_TB0CCR6B
Timer TB0 CCR6 capture input CCI6B
Timer TB0: TB0.6 compare output Out6
11
PM_UCA0RXD
USCI_A0 UART RXD (Direction controlled by USCI – input)
PM_UCA0SOMI
USCI_A0 SPI slave out master in (direction controlled by USCI)
12
PM_UCA0TXD
USCI_A0 UART TXD (Direction controlled by USCI – output)
PM_UCA0SIMO
USCI_A0 SPI slave in master out (direction controlled by USCI)
13
PM_UCA0CLK
USCI_A0 clock input/output (direction controlled by USCI)
PM_UCB0STE
USCI_B0 SPI slave transmit enable (direction controlled by USCI – input)
14
PM_UCB0SOMI
USCI_B0 SPI slave out master in (direction controlled by USCI)
PM_UCB0SCL
USCI_B0 I2C clock (open drain and direction controlled by USCI)
15
PM_UCB0SIMO
USCI_B0 SPI slave in master out (direction controlled by USCI)
PM_UCB0SDA
USCI_B0 I2C data (open drain and direction controlled by USCI)
16
PM_UCB0CLK
USCI_B0 clock input/output (direction controlled by USCI)
PM_UCA0STE
USCI_A0 SPI slave transmit enable (direction controlled by USCI – input)
17
PM_MCLK
–
MCLK
18
Reserved
Reserved for test purposes. Do not use this setting.
19
Reserved
Reserved for test purposes. Do not use this setting.
20–30
Reserved
None
DVSS
31 (0FFh)(1)
PM_ANALOG
Disables the output driver and the input Schmitt-trigger to prevent parasitic cross currents
when applying analog signals.
(1)
The value of the PM_ANALOG mnemonic is set to 0FFh. The port mapping registers are 5 bits wide, and the upper bits are ignored,
which results in a maximum value of 31.
Table 9-10 lists the default values for all pins that support port mapping.
Table 9-10. Default Mapping
PIN
PxMAPy
MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
P2.0/P2MAP0
PM_UCB0STE,
PM_UCA0CLK
USCI_B0 SPI slave transmit enable (direction controlled by USCI – input),
USCI_A0 clock input/output (direction controlled by USCI)
P2.1/P2MAP1
PM_UCB0SIMO,
PM_UCB0SDA
USCI_B0 SPI slave in master out (direction controlled by USCI),
USCI_B0 I2C data (open drain and direction controlled by USCI)
P2.2/P2MAP2
PM_UCB0SOMI,
PM_UCB0SCL
USCI_B0 SPI slave out master in (direction controlled by USCI),
USCI_B0 I2C clock (open drain and direction controlled by USCI)
P2.3/P2MAP3
PM_UCB0CLK,
PM_UCA0STE
USCI_B0 clock input/output (direction controlled by USCI),
USCI_A0 SPI slave transmit enable (direction controlled by USCI – input)
P2.4/P2MAP4
PM_UCA0TXD,
PM_UCA0SIMO
USCI_A0 UART TXD (direction controlled by USCI – output),
USCI_A0 SPI slave in master out (direction controlled by USCI)
P2.5/P2MAP5
PM_UCA0RXD,
PM_UCA0SOMI
USCI_A0 UART RXD (direction controlled by USCI – input),
USCI_A0 SPI slave out master in (direction controlled by USCI)
P2.6/P2MAP6/R03
PM_NONE
–
DVSS
P2.7/P2MAP7/LCDREF/R13
PM_NONE
–
DVSS
9.12.3 Oscillator and System Clock
The clock system is supported by the Unified Clock System (UCS) module that includes support for a 32-kHz
watch crystal oscillator (in XT1 LF mode; XT1 HF mode is not supported), an internal very-low-power low-
frequency oscillator (VLO), an internal trimmed low-frequency oscillator (REFO), an integrated internal digitally
controlled oscillator (DCO), and a high-frequency crystal oscillator XT2. The UCS module is designed to meet
the requirements of both low system cost and low power consumption. The UCS module features digital
frequency-locked loop (FLL) hardware that, in conjunction with a digital modulator, stabilizes the DCO frequency
www.ti.com
MSP430F6638, MSP430F6637, MSP430F6636, MSP430F6635, MSP430F6634
MSP430F6633, MSP430F6632, MSP430F6631, MSP430F6630
SLAS566G – JUNE 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: MSP430F6638 MSP430F6637 MSP430F6636 MSP430F6635 MSP430F6634
MSP430F6633 MSP430F6632 MSP430F6631 MSP430F6630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com