| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 361 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 361 Page - Renesas Technology Corp |
|
361 / 1228 page ![]() Section 9 Direct Memory Access Controller (DMAC) Rev. 2.00 May. 08, 2008 Page 337 of 1200 REJ09B0344-0200 (1) Address Modes (a) Dual Address Mode In dual address mode, both the transfer source and destination are accessed (selected) by an address. The transfer source and destination can be located externally or internally. DMA transfer requires two bus cycles because data is read from the transfer source in a data read cycle and written to the transfer destination in a data write cycle. At this time, transfer data is temporarily stored in the DMAC. In the transfer between external memories as shown in figure 9.5, data is read to the DMAC from one external memory in a data read cycle, and then that data is written to the other external memory in a data write cycle. Data buffer Memory Transfer source module Transfer destination module Memory Transfer source module Transfer destination module SAR DAR Data buffer SAR DAR The SAR value is an address, data is read from the transfer source module, and the data is tempolarily stored in the DMAC. First bus cycle Second bus cycle The DAR value is an address and the value stored in the data buffer in the DMAC is written to the transfer destination module. DMAC DMAC Figure 9.5 Data Flow of Dual Address Mode Auto request, external request, and on-chip peripheral module request are available for the transfer request. DACK can be output in read cycle or write cycle in dual address mode. The AM bit in the channel control register (CHCR) can specify whether the DACK is output in read cycle or write cycle. Figure 9.6 shows an example of DMA transfer timing in dual address mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |