Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 408Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 409Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 410Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 411Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 412Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 413Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 414Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 415Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 388 of 1200
REJ09B0344-0200
10.3.4
Timer Compare Match Clear Register (TCNTCMPCLR)
TCNTCMPCLR is an 8-bit readable/writable register that specifies requests to clear TCNTU_5,
TCNTV_5, and TCNTW_5. The MTU2 has one TCNTCMPCLR in channel 5.
Bit:
Initial value:
R/W:
7654321
0
00000000
R
R
R
R
R
R/W
R/W
R/W
-----
CMP
CLR5U
CMP
CLR5V
CMP
CLR5W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
CMPCLR5U 0
R/W
TCNT Compare Clear 5U
Enables or disables requests to clear TCNTU_5 at
TGRU_5 compare match or input capture.
0: Disables TCNTU_5 to be cleared to H'0000 at
TCNTU_5 and TGRU_5 compare match or input
capture
1: Enables TCNTU_5 to be cleared to H'0000 at
TCNTU_5 and TGRU_5 compare match or input
capture
1
CMPCLR5V 0
R/W
TCNT Compare Clear 5V
Enables or disables requests to clear TCNTV_5 at
TGRV_5 compare match or input capture.
0: Disables TCNTV_5 to be cleared to H'0000 at
TCNTV_5 and TGRV_5 compare match or input
capture
1: Enables TCNTV_5 to be cleared to H'0000 at
TCNTV_5 and TGRV_5 compare match or input
capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com