Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 458Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 459Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 460Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 461Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 462Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 463Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 464Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 465Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 438 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
SCC
0
R/(W)
Synchronous Clearing Control
Specifies whether to clear TCNT_3 and TCNT_4 in the
MTU2S when synchronous counter clearing between
the MTU2 and MTU2S occurs in complementary PWM
mode.
When using this control, place the MTU2S in
complementary PWM mode.
When modifying the SCC bit while the counters are
operating, do not modify the CCE or WRE bits.
Counter clearing synchronized with the MTU2 is
disabled by the SCC bit setting only when synchronous
clearing occurs outside the Tb interval at the trough.
When synchronous clearing occurs in the Tb interval at
the trough including the period immediately after
TCNT_3 and TCNT_4 start operation, TCNT_3 and
TCNT_4 in the MTU2S are cleared.
For the Tb interval at the trough in complementary
PWM mode, see figure 10.40.
In the MTU2, this bit is reserved. It is always read as 0
and the write value should always be 0.
0: Enables clearing of TCNT_3 and TCNT_4 in the
MTU2S by MTU2–MTU2S synchronous clearing
operation
1: Disables clearing of TCNT_3 and TCNT_4 in the
MTU2S by MTU2–MTU2S synchronous clearing
operation
[Setting condition]
• When 1 is written to SCC after reading SCC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com