| Electronic Components Datasheet Search |
|
EP4CE40 Datasheet(PDF) 231 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE40 Datasheet(HTML) 231 Page - Altera Corporation |
|
231 / 488 page ![]() Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices 8–67 Configuration May 2013 Altera Corporation Cyclone IV Device Handbook, Volume 1 DATA[7..2] I/O FPP, AP (2) Inputs (FPP). Bidirectional (AP) (2) In an AS or PS configuration scheme, DATA[7..2] function as user I/O pins during configuration, which means they are tri-stated. After FPP configuration, DATA[7..2] are available as user I/O pins and the state of these pin depends on the Dual-Purpose Pin settings. In an AP configuration scheme, for Cyclone IV E devices only, the byte-wide or word-wide configuration data is presented to the target Cyclone IV E device on DATA[7..0] or DATA[15..0], respectively. After AP configuration, DATA[7..2] are dedicated bidirectional pins with optional user control. (2) DATA[15..8] I/O AP (2) Bidirectional Data inputs. Word-wide configuration data is presented to the target Cyclone IV E device on DATA[15..0]. In a PS, FPP, or AS configuration scheme, DATA[15:8] function as user I/O pins during configuration, which means they are tri stated. After AP configuration, DATA[15:8]are dedicated bidirectional pins with optional user control. PADD[23..0] I/O AP (2) Output In AP mode, it is a 24-bit address bus from the Cyclone IV E device to the parallel flash. Connects to the A[24:1]bus on the Micron P30 or P33 flash. nRESET I/O AP (2) Output Active-low reset output. Driving the nRESET pin low resets the parallel flash. Connects to the RST# pin on the Micron P30 or P33 flash. nAVD I/O AP (2) Output Active-low address valid output. Driving the nAVD pin low during read or write operation indicates to the parallel flash that a valid address is present on the PADD[23..0]address bus. Connects to the ADV# pin on the Micron P30 or P33 flash. nOE I/O AP (2) Output Active-low output enable to the parallel flash. During the read operation, driving the nOE pin low enables the parallel flash outputs (DATA[15..0]). Connects to the OE# pin on the Micron P30 or P33 flash. nWE I/O AP (2) Output Active-low write enable to the parallel flash. During the write operation, driving the nWE pin low indicates to the parallel flash that data on the DATA[15..0]bus is valid. Connects to the WE# pin on the Micron P30 or P33 flash. Note to Table 8–20: (1) If you are accessing the EPCS device with the ALTASMI_PARALLEL megafunction or your own user logic in user mode, in the Device and Pin Options window of the Quartus II software, in the Dual-Purpose Pins category, select Use as regular I/O for this pin. (2) The AP configuration scheme is for Cyclone IV E devices only. Table 8–20. Dedicated Configuration Pins on the Cyclone IV Device (Part 4 of 4) Pin Name User Mode Configuration Scheme Pin Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |