Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 239 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 239 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 235Page - Altera Corporation EP4CE40 Datasheet HTML 236Page - Altera Corporation EP4CE40 Datasheet HTML 237Page - Altera Corporation EP4CE40 Datasheet HTML 238Page - Altera Corporation EP4CE40 Datasheet HTML 239Page - Altera Corporation EP4CE40 Datasheet HTML 240Page - Altera Corporation EP4CE40 Datasheet HTML 241Page - Altera Corporation EP4CE40 Datasheet HTML 242Page - Altera Corporation EP4CE40 Datasheet HTML 243Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 488 page
background image
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
8–75
Remote System Upgrade
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 1
Remote System Upgrade Registers
The remote system upgrade block contains a series of registers that stores the
configuration addresses, watchdog timer settings, and status information. Table 8–22
lists these registers.
The control and status registers of the remote system upgrade are clocked by the
10-MHz internal oscillator (the same oscillator that controls the user watchdog timer)
or the CLKUSR. However, the shift and update registers of the remote system upgrade
are clocked by the maximum frequency of 40-MHz user clock input (RU_CLK). There is
no minimum frequency for RU_CLK.
Remote System Upgrade Control Register
The remote system upgrade control register stores the application configuration
address, the user watchdog timer settings, and option bits for a application
configuration. In remote update mode for the AS configuration scheme, the control
register address bits are set to all zeros (24'b0) at power up to load the AS factory
configuration. In remote update mode for the AP configuration scheme, the control
register address bits are set to 24'h010000 (24'b1 0000 0000 0000 0000) at power up to
load the AP default factory configuration. However, for the AP configuration scheme,
you can change the default factory configuration address to any desired address using
the APFC_BOOT_ADDR JTAG instruction. Additionally, a factory configuration in remote
update mode has write access to this register.
Table 8–22. Remote System Upgrade Registers
Register
Description
Shift
register
This register is accessible by the logic array and allows the update, status, and control registers to be written
and sampled by user logic. Write access is enabled in remote update mode for factory configurations to allow
writing to the update register. Write access is disabled for all application configurations in remote update
mode.
Control
register
This register contains the current configuration address, the user watchdog timer settings, one option bit for
checking early CONF_DONE, and one option bit for selecting the internal oscillator as the startup state machine
clock. During a read operation in an application configuration, this register is read into the shift register. When
a reconfiguration cycle is started, the contents of the update register are written into the control register.
Update
register
This register contains data similar to that in the control register. However, it can only be updated by the factory
configuration by shifting data into the shift register and issuing an update operation. When a reconfiguration
cycle is triggered by the factory configuration, the control register is updated with the contents of the update
register. During a read in a factory configuration, this register is read into the shift register.
Status
register
This register is written by the remote system upgrade circuitry on every reconfiguration to record the cause of
the reconfiguration. This information is used by the factory configuration to determine the appropriate action
following a reconfiguration. During a capture cycle, this register is read into the shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com