Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 242 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 242 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 238Page - Altera Corporation EP4CE40 Datasheet HTML 239Page - Altera Corporation EP4CE40 Datasheet HTML 240Page - Altera Corporation EP4CE40 Datasheet HTML 241Page - Altera Corporation EP4CE40 Datasheet HTML 242Page - Altera Corporation EP4CE40 Datasheet HTML 243Page - Altera Corporation EP4CE40 Datasheet HTML 244Page - Altera Corporation EP4CE40 Datasheet HTML 245Page - Altera Corporation EP4CE40 Datasheet HTML 246Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 488 page
background image
8–78
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Remote System Upgrade
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Table 8–25 lists the contents of previous state register 1 and previous state register 2 in
the status register. The status register bit in Table 8–25 shows the bit positions in a
3-bit register. The previous state register 1 and previous state register 2 have the same
bit definitions. The previous state register 1 reflects the current application
configuration and the previous state register 2 reflects the previous application
configuration.
If a capture is inappropriately done while capturing a previous state before the system
has entered remote update application configuration for the first time, a value outputs
from the shift register to indicate that the capture is incorrectly called.
Remote System Upgrade State Machine
The remote system upgrade control and update registers have identical bit
definitions, but serve different roles (Table 8–22 on page 8–75). While both registers
can only be updated when the device is loaded with a factory configuration image,
the update register writes are controlled by the user logic, and the control register
writes are controlled by the remote system upgrade state machine.
In factory configurations, the user logic should send the option bits (Cd_early and
Osc_int
), the configuration address, and watchdog timer settings for the next
application configuration bit to the update register. When the logic array
configuration reset (RU_nCONFIG) goes high, the remote system upgrade state machine
updates the control register with the contents of the update register and starts system
reconfiguration from the new application page.
1 To ensure the successful reconfiguration between the pages, assert the RU_nCONFIG
signal for a minimum of 250 ns. This is equivalent to strobing the reconfig input of
the ALTREMOTE_UPDATE megafunction high for a minimum of 250 ns.
If there is an error or reconfiguration trigger condition, the remote system upgrade
state machine directs the system to load a factory or application configuration (based
on mode and error condition) by setting the control register accordingly.
Table 8–26 lists the contents of the control register after such an event occurs for all
possible error or trigger conditions.
Table 8–25. Remote System Upgrade Previous State Register 1 and Previous State Register 2 Contents in Status
Register
Status Register Bit
Definition
Description
30
nCONFIG
source
One-hot, active-high field that describes the reconfiguration source
that caused the Cyclone IV device to leave the previous application
configuration. If there is a tie, the higher bit order indicates
precedence. For example, if nCONFIG and remote system upgrade
nCONFIG
reach the reconfiguration state machine at the same time,
the nCONFIG precedes the remote system upgrade nCONFIG.
29
CRC error source
28
nSTATUS
source
27
User watchdog timer source
26
Remote system upgrade
nCONFIG
source
25:24
Master state machine
current state
The state of the master state machine during reconfiguration causes
the Cyclone IV device to leave the previous application configuration.
23:0
Boot address
The address used by the configuration scheme to load the previous
application configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com