Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 244 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 244 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 240Page - Altera Corporation EP4CE40 Datasheet HTML 241Page - Altera Corporation EP4CE40 Datasheet HTML 242Page - Altera Corporation EP4CE40 Datasheet HTML 243Page - Altera Corporation EP4CE40 Datasheet HTML 244Page - Altera Corporation EP4CE40 Datasheet HTML 245Page - Altera Corporation EP4CE40 Datasheet HTML 246Page - Altera Corporation EP4CE40 Datasheet HTML 247Page - Altera Corporation EP4CE40 Datasheet HTML 248Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 488 page
background image
8–80
Chapter 8: Configuration and Remote System Upgrades in Cyclone IV Devices
Document Revision History
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
1 The user watchdog timer is disabled in factory configurations and during the
configuration cycle of the application configuration. It is enabled after the application
configuration enters user mode.
Quartus II Software Support
Implementation in your design requires a remote system upgrade interface between
the Cyclone IV device logic array and remote system upgrade circuitry. You must also
generate configuration files for production and remote programming of the system
configuration memory. The Quartus II software provides these features.
The two implementation options, ALTREMOTE_UPDATE megafunction and remote
system upgrade atom, are for the interface between the remote system upgrade
circuitry and the device logic array interface. Using the megafunction block instead of
creating your own logic saves design time and offers more efficient logic synthesis
and device implementation.
f For more information about the ALTREMOTE_UPDATE megafunction, refer to the
Remote Update Circuitry (ALTREMOTE_UPDATE) Megafunction User Guide.
Document Revision History
Table 8–28 lists the revision history for this chapter.
Table 8–28. Document Revision History (Part 1 of 2)
Date
Version
Changes
May 2013
1.7
■ Added Table 8–6.
■ Updated Table 8–9 to add new device options and packages.
■ Updated Figure 8–16 and Figure 8–22 to include user mode.
■ Updated the “Dedicated” column for DATA[0] and DCLK in Table 8–19.
■ Updated the “User Mode” and “Pin Type” columns for DCLK in Table 8–20.
February 2013
1.6
Updated Table 8–9 to add new device options and packages.
October 2012
1.5
■ Updated “AP Configuration Supported Flash Memories”, “Configuration Data
Decompression”, and “Overriding the Internal Oscillator” sections.
■ Updated Figure 8–3, Figure 8–4, Figure 8–5, Figure 8–7, Figure 8–8, Figure 8–9,
Figure 8–10, and Figure 8–11.
■ Updated Table 8–2, Table 8–8, Table 8–12, Table 8–13, Table 8–18, and Table 8–19.
November 2011
1.4
■ Added information about how to gain control of EPCS pins.
■ Updated “Reset”, “Single-Device AS Configuration”, “Single-Device AP
Configuration”, and “Overriding the Internal Oscillator” sections.
■ Added Table 8–7.
■ Updated Table 8–6 and Table 8–19.
■ Updated Figure 8–3, Figure 8–4, and Figure 8–5.
December 2010
1.3
■ Updated for the Quartus II software version 10.1 release.
■ Added Cyclone IV E new device package information.
■ Updated Table 8–7, Table 8–10, and Table 8–11.
■ Minor text edits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com