Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 248 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 248 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 244Page - Altera Corporation EP4CE40 Datasheet HTML 245Page - Altera Corporation EP4CE40 Datasheet HTML 246Page - Altera Corporation EP4CE40 Datasheet HTML 247Page - Altera Corporation EP4CE40 Datasheet HTML 248Page - Altera Corporation EP4CE40 Datasheet HTML 249Page - Altera Corporation EP4CE40 Datasheet HTML 250Page - Altera Corporation EP4CE40 Datasheet HTML 251Page - Altera Corporation EP4CE40 Datasheet HTML 252Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 488 page
background image
9–2
Chapter 9: SEU Mitigation in Cyclone IV Devices
User Mode Error Detection
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Configuration error detection determines if the configuration data received through
an external memory device is corrupted during configuration. To validate the
configuration data, the Quartus® II software uses a function to calculate the CRC
value for each configuration data frame and stores the frame-based CRC value in the
configuration data as part of the configuration bit stream.
During configuration, Cyclone IV devices use the same methodology to calculate the
CRC value based on the frame of data that is received and compares it against the
frame CRC value in the data stream. Configuration continues until either the device
detects an error or all the values are calculated.
In addition to the frame-based CRC value, the Quartus II software generates a 32-bit
CRC value for the whole configuration bit stream. This 32-bit CRC value is stored in
the 32-bit storage register at the end of the configuration and is used for user mode
error detection that is discussed in “User Mode Error Detection”.
User Mode Error Detection
1 User mode error detection is available in Cyclone IV GX and Cyclone IV E devices
with 1.2-V core voltage. Cyclone IV E devices with 1.0-V core voltage do not support
user mode error detection.
Soft errors are changes in a configuration random-access memory (CRAM) bit state
due to an ionizing particle. Cyclone IV devices have built-in error detection circuitry
to detect data corruption by soft errors in the CRAM cells.
This error detection capability continuously computes the CRC of the configured
CRAM bits based on the contents of the device and compares it with the
pre-calculated CRC value obtained at the end of the configuration. If the CRCs match,
there is no error in the current configuration CRAM bits. The process of error
detection continues until the device is reset (by setting nCONFIG to low).
The Cyclone IV device error detection feature does not check memory blocks and I/O
buffers. These device memory blocks support parity bits that are used to check the
contents of memory blocks for any error. The I/O buffers are not verified during error
detection because the configuration data uses flip-flops as storage elements that are
more resistant to soft errors. Similar flip-flops are used to store the pre-calculated CRC
and other error detection circuitry option bits.
The error detection circuitry in Cyclone IV devices uses a 32-bit CRC IEEE 802
standard and a 32-bit polynomial as the CRC generator. Therefore, a single 32-bit CRC
calculation is performed by the device. If a soft error does not occur, the resulting
32-bit signature value is 0x00000000, that results in a 0 on the CRC_ERROR output
signal. If a soft error occurs in the device, the resulting signature value is non-zero and
the CRC_ERROR output signal is 1.
You can inject a soft error by changing the 32-bit CRC storage register in the CRC
circuitry. After verifying the induced failure, you can restore the 32-bit CRC value to
the correct CRC value with the same instruction and inserting the correct value.
1 Before updating it with a known bad value, Altera recommends reading out the
correct value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com