Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet(PDF) 254 Page - Altera Corporation

Part # EP4CE40
Description  Cyclone IV Device Handbook, Volume 1
PDF  488 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE40 Datasheet(HTML) 254 Page - Altera Corporation

Back Button EP4CE40 Datasheet HTML 250Page - Altera Corporation EP4CE40 Datasheet HTML 251Page - Altera Corporation EP4CE40 Datasheet HTML 252Page - Altera Corporation EP4CE40 Datasheet HTML 253Page - Altera Corporation EP4CE40 Datasheet HTML 254Page - Altera Corporation EP4CE40 Datasheet HTML 255Page - Altera Corporation EP4CE40 Datasheet HTML 256Page - Altera Corporation EP4CE40 Datasheet HTML 257Page - Altera Corporation EP4CE40 Datasheet HTML 258Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 488 page
background image
9–8
Chapter 9: SEU Mitigation in Cyclone IV Devices
Software Support
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 1
Figure 9–3 shows the error detection block diagram in FPGA devices and shows the
interface that the WYSIWYG atom enables in your design.
1 The user logic is affected by the soft error failure, so reading out the 32-bit CRC
signature through the regout should not be relied upon to detect a soft error. You
should rely on the CRC_ERROR output signal itself, because this CRC_ERROR output
signal cannot be affected by a soft error.
To enable the cycloneiv_crcblock WYSIWYG atom, you must name the atom for
each Cyclone IV device accordingly.
Example 9–1 shows an example of how to define the input and output ports of a
WYSIWYG atom in a Cyclone IV device.
Figure 9–3. Error Detection Block Diagram
Clock Divider
(1 to 256 Factor)
Pre-Computed CRC
(Saved in the Option Register)
CRC
Computation
Error Detection
Logic
SRAM
Bits
CRC_ERROR
(Shown in BIDIR Mode)
V
CC
Logic Array
80 MHz Internal Chip Oscillator
Example 9–1. Error Detection Block Diagram
cycloneiv_crcblock<crcblock_name>
(
.clk(<clock source>),
.shiftnld(<shiftnld source>),
.ldsrc(<ldsrc source>),
.crcerror(<crcerror out destination>),
.regout(<output destination>),
);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com