Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics UM0434 Datasheet HTML 53Page - STMicroelectronics UM0434 Datasheet HTML 54Page - STMicroelectronics UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics UM0434 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 390 page
background image
Register model
UM0434
54/391
47
MODE
Embedded floating-point operating mode.
0 Default hardware results operating mode. The
e200z3 supports only mode 0.
1 IEEE754 hardware results operating mode (not supported by the
e200z3).
Controls the operating mode of the embedded floating-point APU. Software should read the value
of this bit after writing it to determine whether the implementation supports the selected mode.
Implementations return the value written if the selected mode is supported. Otherwise, the value
read indicates the hardware-supported mode.
48
SOV
Summary integer overflow. Set when an instruction sets OV. SOV remains set until it is cleared by
an mtspr specifying SPEFSCR.
49
OV
Integer overflow. Set whenever an integer or fractional SPE instruction signals an overflow in the
low element result.
50
FG
Embedded floating-point guard bit. Used by the floating-point round exception handler. Cleared if
a floating-point data exception occurs for the low elements. Corresponds to the low element
result.
51
FX
Embedded floating-point sticky bit. For use by the floating-point round exception handler. FX is
cleared if a floating-point data exception occurs for the low elements. FX corresponds to the low
element result.
52
FINV
Embedded floating-point invalid operation/input error. In mode 0, FINV is set if the A or B low
element operand of a floating-point instruction is Infinity, NaN, or Denorm, or if the operation is a
divide and the low element dividend and divisor are both 0. In mode 1, FINV is set on an IEEE754
invalid operation (IEEE754-1985 sec7.1) in the low element.
53
FDBZ
Embedded floating-point divide by zero. Set when a floating-point divide instruction executes with
a low element divisor of 0 and the low element dividend is a finite non-zero number.
54
FUNF
Embedded floating-point underflow. Set when the execution of a floating-point instruction results
in an underflow in the low element.
55
FOVF
Embedded floating-point overflow. Set when the execution of a floating-point instruction results in
an overflow in the low element.
56
—
Reserved, should be cleared.
57
FINXE
Embedded floating-point inexact exception enable. If the exception is enabled, a floating-point
round exception is taken under one of the following conditions:
For both elements, the result of a floating-point instruction does not result in overflow or
underflow, and the result for either element is inexact (FG | FX = 1.
FGH | FXH =1)
The result of a floating-point instruction does result in overflow (FOVF=1 or FOVFH=1) for either
element, but floating-point overflow exceptions are disabled (FOVFE=0)
The result of a floating-point instruction results in underflow (FUNF=1 or FUNFH=1), but floating-
point underflow exceptions are disabled (FUNFE=0), and no floating-point data exception occurs.
0 Exception disabled.
1 Exception enabled.
58
FINVE
Embedded floating-point invalid operation/input error exception enable.
0 Exception disabled.
1 Exception enabled. A floating-point data exception is taken if FINV or FINVH is set by a floating-
point instruction.
Table 22.
SPEFSCR field descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com