Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 35Page - STMicroelectronics UM0434 Datasheet HTML 36Page - STMicroelectronics UM0434 Datasheet HTML 37Page - STMicroelectronics UM0434 Datasheet HTML 38Page - STMicroelectronics UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 390 page
background image
Register model
UM0434
40/391
User-level registers, which are accessible to all software with either user or supervisor
privileges:
General-purpose registers (GPRs). Thirty-two 64-bit GPRs (GPR0–GPR31) serve
as data source or destination registers for integer instructions and provide data to
generate addresses. PowerPC Book E instructions affect only the lower 32 bits of
the GPRs. SPE APU instructions operate on the entire 64-bit register.
Condition register (CR). Eight 4-bit fields, CR0–CR7, reflect results of certain
arithmetic operations and provide a mechanism for testing and branching.
The remaining user-level registers are SPRs. In the PowerPC architecture, the mtspr
and mfspr instructions are for accessing SPRs.
Integer exception register (XER). Indicates overflow and carries for integer
operations.
Link register (LR). Provides the branch target address for the branch conditional to
link register (bclr
, bclrl) instructions and holds the address of the instruction that
follows a branch and link instruction, typically for linking to subroutines.
Count register (CTR). Holds a loop count that can be decremented during
execution of appropriately coded branch instructions. CTR also provides the
branch target address for the branch conditional to count register (bcctr
, bcctrl)
instructions.
The time base facility (TB) consists of two 32-bit registers, time base upper (TBU)
and time base lower (TBL). User-level software can read (but not write) to these
two registers.
SPRG4–SPRG7. Software-use special-purpose registers (SPRGs). SPRG4–
SPRG7 are read only by user-level software. The e200z3 does not allow user-
mode access to SPRG3. Book E defines such access as implementation-
dependent.
USPRG0. User-software-use SPR USPRG0, which is read-write accessible to
user-level software.
Supervisor-level registers, which are control and status registers accessible to supervisor-
level software. An operating system might use these registers for configuration, exception
handling, and other operating system functions:
Processor control registers
Machine state register (MSR). Defines the state of the processor. The MSR can be
modified by the move to machine state register (mtmsr), system call (sc), and
return from interrupt (rfi, rfci, rfdi) instructions. It can be read by the move from
machine state register (mfmsr) instruction. When an interrupt occurs, the contents
of the MSR are saved to one of the machine state save/restore registers (SRR1,
CSRR1, DSRR1).
Processor version register (PVR). A read-only register that identifies the version
(model) and revision level of the PowerPC processor.
Processor identification register (PIR). A read-only register to distinguish the
processor from other processors in the system.
Storage control registers
Process ID register (PID0, also referred to as PID). Indicates the current process
or task identifier. The MMU uses it as an extension to the effective address, and
the external Nexus 2 module uses it for ownership trace message generation.
PowerPC Book E allows multiple PIDs; the e200z3 implements only one.
Interrupt registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com