Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 87 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 83Page - STMicroelectronics UM0434 Datasheet HTML 84Page - STMicroelectronics UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics UM0434 Datasheet HTML 90Page - STMicroelectronics UM0434 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 390 page
background image
Register model
UM0434
88/391
4.15
L1 cache configuration registers
This section describes the register that helps not to configure the cache.
4.15.1
L1 cache configuration register 0 (L1CFG0)
The L1 cache configuration register 0 (L1CFG0) provides information on how not to
configure the e200z3 cache design. For e200z3, reads of this register return a value of all
zeros.
4.16
MMU registers
This section describes the e200z3 registers for setting up and maintaining the TLBs.
4.16.1
MMU control and status register 0 (MMUCSR0)
MMUCSR0, shown in
Table 65, controls the state of the MMU.
The MMUCSR0 fields are described in
Table 66.
Table 64.
Branch unit control and status register
Bits
Name
Description
32–53
—
Reserved, should be cleared.
54
BBFI
Branch target buffer flash invalidate. When set, BBFI flash clears the valid bit of all
BTB entries; clearing occurs regardless of the value of the enable bit (BPEN).
Note: BBFI is always read as 0.
55–62
—
Reserved, should be cleared.
63
BPEN
Branch target buffer (BTB) enable.
0 BTB prediction disabled. No hits are generated from the BTB and no new
entries are allocated. Entries are not automatically invalidated when BPEN
is cleared; BBFI controls entry invalidation.
1 BTB prediction enabled (enables BTB to predict branches).
Table 65.
MMU Control and Status Register 0 (MMUCSR0)
32
61
62
63
Field
—
TLB1_FI —
Reset
All zeros
R/W
R/W
SPR
SPR 1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com