Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 89 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics UM0434 Datasheet HTML 90Page - STMicroelectronics UM0434 Datasheet HTML 91Page - STMicroelectronics UM0434 Datasheet HTML 92Page - STMicroelectronics UM0434 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 390 page
background image
Register model
UM0434
90/391
4.16.3
TLB configuration registers (TLB
nCFG)
The TLB
nCFG read-only registers provide information about each specific TLB that is
visible to the programming model.
TLB configuration register 0 (TLB0CFG)
TLB0CFG, shown in
Table 69, provides information about the configuration of TLB0.
Because the e200z3 MMU design does not implement TLB0, this register reads as all zeros.
It is supplied to allow software to query it in a way compatible with other Book E designs.
The TLB0CFG fields are described in
Table 70.
Table 68.
MMUCFG field descriptions
Bits
Name
Description
32–48
—
Reserved, should be cleared.
49–52
NPIDS
Number of PID registers.
0001 This version of the MMU implements one PID register (PID0).
53–57
PIDSIZE
PID register size.
00111 PID registers contain 8 bits in this version of the MMU.
58–59
—
Reserved, should be cleared.
60–61
NTLBS
Number of TLBs.
01 This version of the MMU implements two TLB structures: a null TLB0 and a
populated TLB1.
62–63
MAVN
MMU architecture version number.
00 This version of the MMU implements version 1.0 of the Book E MMU architecture.
Table 69.
TLB configuration register 0 (TLB0CFG)
32
39
40
43
44
47
48
49
50 51
52
63
Field
ASSOC
MINSIZE
MAXSIZE
IPROT
AVAIL
—
NENTRY
Reset
All zeros (TLB0 is not implemented)
R/W
Read only
SPR
SPR 688
Table 70.
TLB0CFG field descriptions
Bits
Name
Description
32–39
ASSOC
Associativity.
40–43
MINSIZE
Minimum page size.
44–47
MAXSIZE
Maximum page size.
0
48
IPROT
Invalidate protect capability.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com