| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 390 page ![]() Register model UM0434 70/391 A debug event can be enabled when there is an attempt to execute an instruction from an address in one of the following contexts: ● In an IAC ● Inside or outside a range specified by IAC1 and IAC2 ● Inside or outside a range specified by IAC3 and IAC4 ● To blocks of addresses specified by the combination of the IAC1 and IAC2 ● To blocks of addresses specified by the combination of the IAC3 and IAC4. Because all instruction addresses must be word-aligned, the two low-order bits of the IACs are reserved and do not participate in the comparison with the instruction address. Data address compare registers (DAC1–DAC2) The data address compare 1 register (DAC1) and data address compare 2 register (DAC2), shown in Table 48, are each 32 bits. A debug event can be enabled by loads, stores, or cache operations to an address specified in either DAC1 or DAC2, inside or outside a range specified by the DAC1 and DAC2, or blocks of addresses specified by the combination of the DAC1 and DAC2. The contents of DAC1 or DAC2 are compared to the address generated by a data access instruction. 4.12.2 Debug counter register (DBCNT) The debug counter register (DBCNT) contains two 16-bit counters (CNT1 and CNT2) that can be configured to operate independently or concatenated into a single 32-bit counter. Each counter can be configured to count down (decrement) when one or more count- enabled events occur. The counters operate regardless of whether counters are enabled to generate debug exceptions. When a count value reaches zero, a debug count event is signaled and a debug event can be generated (if enabled). Upon reaching zero, the counter is frozen. A debug counter signals an event on the transition from a value of one to a final value of zero. Loading a value of zero into the counter prevents the counter from counting. The debug counter is configured by the contents of DBCR3. DBCNT is shown in Table 49. Table 48. Data address compare registers (DAC1–DAC2) 32 63 Field Data address Reset All zeros R/W R/W SPR SPR 316 (DAC1); SPR 317 (DAC2) Table 49. DBCNT register 32 47 48 63 Field CNT1 CNT2 Reset Undefined on m_por assertion, unchanged on p_reset_b assertion R/W R/W SPR SPR 562 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |