Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 390 page
background image
UM0434
Register model
45/391
4.4.2
Processor ID register (PIR)
The processor ID for the CPU core is contained in the processor ID register (PIR), shown in
Figure 8. The contents of PIR reflect the hardware input signals to the e200z3 core.
PIR fields are described in
Table 9.
4.4.3
Processor version register (PVR)
The processor version register (PVR), shown in
Table 10, contains the processor version
number for the CPU core.
56–57
—
Reserved, should be cleared.
58
IS
Instruction address space.
0 The processor directs all instruction fetches to address space 0 (TS = 0 in the
relevant TLB entry).
1 The processor directs all instruction fetches to address space 1 (TS = 1 in the
relevant TLB entry).
59
DS
Data address space.
0 The core directs all data storage accesses to address space 0 (TS = 0 in the
relevant TLB entry).
1 The core directs all data storage accesses to address space 1 (TS = 1 in the
relevant TLB entry).
60–63
—
Reserved, should be cleared.
Table 7.
MSR field descriptions (continued)
Bits
Name
Description
Table 8.
Processor ID register (PIR)
32
55
56
63
Field
—
PID
Reset
0000_0000_0000_0000_0000_0000
p_cpuid[0:7]
R/W
Read only
SPR
SPR 286
Table 9.
PIR Field Descriptions
Bits
Name
Description
32–55
—
These bits always read as 0.
56–63
PID
These bit reflect the values on the
p_cpuid[0:7] input signals.
Table 10.
Processor version register (PVR)
32
35
36 37 38
43 44
47 48
55 56
59 60
63
Field
Manufacturer ID
—
Type
Version
MBG Use
Major Rev
MBG ID
Reset
1000
00
01_0001
0010
p_pvrin[16:31]
R/W
Read only
SPR
SPR 287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com