Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 95 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 91Page - STMicroelectronics UM0434 Datasheet HTML 92Page - STMicroelectronics UM0434 Datasheet HTML 93Page - STMicroelectronics UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 390 page
background image
Register model
UM0434
96/391
The MAS6 register is shown in
Table 83.
MAS6 fields are defined in
Table 84.
4.16.5
Process ID register (PID0)
The process ID register, PID0, is shown in
Table 85. The Book E architecture requires that a
process ID (PID) value be associated with each effective address (instruction or data)
generated by the processor. Book E defines one PID register that maintains the value of the
PID for the current process. The number of PIDs implemented is indicated by the value of
44–47 TIDSELD
TID default selection value. 4-bit field that specifies which of the current PID registers should be
used to load the MAS1[TID] field on a TLB miss exception.
The PID registers are addressed as follows:
0000 = PID0 (PID).
0001 = PID1.
...
1110 = PID14.
A value that references a non-implemented PID register causes a value of 0 to be placed in
MAS1[TID].
48–51
—
Reserved, should be cleared.
52–55
TSIZED
Default TSIZE value.
56–57
—
Reserved, should be cleared.
58
VLED
Default VLE value. Specifies the default value loaded into MAS2[VLE] on a TLB miss
exception.
59–63 DWIMGE Default WIMGE values.
Table 82.
MAS4 - hardware replacement assist configuration register (continued)
Bits
Name
Description
Table 83.
MMU assist register 6 (MAS6))
32
39 40
47 48
62 63
Field
—
SPID
—
SAS
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 630
Table 84.
MAS6 - TLB search context register 0
Bits
Name
Description
32–39
—
Reserved, should be cleared.
40–47
SPID
PID value for searches
48–62
—
Reserved, should be cleared.
63
SAS
AS value for searches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com