Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 96 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 92Page - STMicroelectronics UM0434 Datasheet HTML 93Page - STMicroelectronics UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 390 page
background image
UM0434
Register model
97/391
MMUCFG[NPIDS]. (The e200z3 defines no additional PID registers.) PID values are used
to construct virtual addresses for accessing memory.
4.17
Support for fast context switching
To provide real-time capabilities for embedded systems, future versions of the e200z3 core
will include optional hardware support for fast context switching. The initial version of the
e200z3 does not implement additional register contexts.
4.17.1
Context control register (CTXCR)
The future versions of the e200z3 core may include optional hardware support for fast
context switching to provide real-time capabilities for embedded systems. The initial version
of e200z3 does not implement additional register contexts. A new privileged 32-bit special-
purpose register (SPR) called the context control register (CTXCR) is defined in the core
CPU. The CTXCR controls the context registers that are mapped to the current context and
holds current, alternate, and saved context information. Supervisor software reads the
CTXCR to determine whether multiple contexts are supported in hardware, and if so, the
number implemented. When multiple register contexts are present (CTXCR[NUMCTX] is
non-zero), CTXCR is also writable. Otherwise, writes are ignored, and the register reads as
all zeros. CTXCR is shown in
Table 86.
4.18
SPR register access
SPRs are accessed with the mfspr and mtspr instructions. The following sections outline
additional access requirements.
4.18.1
Invalid SPR references
System behavior when an invalid SPR is referenced depends on the apparent privilege level
of the register, which is determined by bit 5 in the SPR address. If the invalid SPR is
Table 85.
Process ID register (PID0)
32
55 56
63
Field
—
Process ID
Reset
All zeros
R/W
R/W
SPR
SPR 48
Table 86.
Context control register (CTXCR)
32
55 56
63
Field
—
Reset
All zeros
R/W
R/W (Writes are ignored because no additional contexts are implemented.)
SPR
SPR 560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com