Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 94 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 90Page - STMicroelectronics UM0434 Datasheet HTML 91Page - STMicroelectronics UM0434 Datasheet HTML 92Page - STMicroelectronics UM0434 Datasheet HTML 93Page - STMicroelectronics UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 390 page
background image
UM0434
Register model
95/391
MAS3 fields are defined in
Table 80.
The MAS4 register, shown in
Table 81, contains fields for specifying default information to
be pre-loaded on certain MMU related exceptions.
The MAS4 fields are defined in
Table 82.
Table 79.
MMU assist register 3 (MAS3)
Permission bits
32
51 52 53 54 55 56 57 58 59
60
61
62 63
Field
RPN
—
U0U1 U2U3UX SX UW SW UR SR
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 627
Table 80.
MAS3 - RPN and access control
Bits
Name
Description
32–51
RPN
Real page number.
Only bits that correspond to a page number are valid. Bits that represent offsets within a page
are ignored and should be zero.
52–53
—
Reserved, should be cleared.
54–57
U0–U3
User bits.
58–63 PERMIS Permission bits (UX, SX, UW, SW, UR, SR).
Table 81.
MMU assist register 4 (MAS4)
SPR
628
Access: Supervisor read/write
32 33 34
35 36
39 40
47 48
51 52
55 56 57
58
59 60 61
62
63
R
—
TLBSELD
—
TIDSELD
—
TSIZED
—
VLED WD ID MD GD ED
W
Reset
All zeros
Table 82.
MAS4 - hardware replacement assist configuration register
Bits
Name
Description
32–33
—
Reserved, should be cleared.
34–35 TLBSELD
Default TLB selected.
01 TLB1 (ignored by the e200z3, should be written to 01 for future compatibility)
36–43
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com