| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 390 page ![]() e200z3 core complex overview UM0434 36/391 operations, rather than the FPRs defined by the UISA. Most porting of floating-point operations can be handled by recompiling. ● String instructions are not implemented on the e200z3 core; therefore, trap emulation must be provided to ensure backward compatibility. Supervisor instruction set The supervisor-mode instruction set defined by the AIM version of the PowerPC architecture is compatible with the e200z3 core with the following exceptions: ● The MMU architecture is different, so some TLB manipulation instructions have different semantics. ● Instructions that support BATs and segment registers are not implemented. 3.7.2 Memory subsystem Both Book E and the AIM version of the PowerPC architecture provide separate instruction and data memory resources. The e200z3 core provides additional cache control features, including cache locking. 3.7.3 Interrupt handling Exception handling is generally the same as that defined in the AIM version of the PowerPC architecture for the e200z3 core, with the following differences: ● Book E defines a new critical interrupt, providing an interrupt nesting. The critical interrupt includes critical input and watchdog timer time-out inputs. ● The debug interrupt differs from the Book E and from the AIM definition. It defines the Return from Debug Interrupt instruction, rfdi, and two debug save/restore registers, DSRR0 and DSRR1. ● Book E processors can use IVPR and the IVORs to set exception vectors individually, but they can be set to the address offsets defined in the OEA to provide compatibility. ● Unlike the AIM version of the PowerPC architecture, Book E does not define a reset vector; execution begins at a fixed virtual address, 0xFFFF_FFFC. The e200z3 allows this to be hard-wired to any page. ● Some Book E and e200z3 core-specific SPRs are different from those defined in the AIM version of the PowerPC architecture, particularly those related to MMU functions. Much of this information has been moved to the new exception syndrome register (ESR). ● Timer services are generally compatible. However, Book E defines a decrementer auto-reload feature, and two critical-type interrupts—the fixed-interval timer and the watchdog timer interrupts—all of which are implemented in the e200z3 core. See Chapter 3.5 for overview of Interrupts and exception handling capabilities. 3.7.4 Memory management The e200z3 core implements a straightforward virtual address space that complies with the Book E MMU definition, which eliminates segment registers and block address translation resources. Book E defines resources for multiple, variable page sizes that can be configured in a single implementation. TLB management is provided with new instructions and SPRs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |