Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 16Page - STMicroelectronics UM0434 Datasheet HTML 17Page - STMicroelectronics UM0434 Datasheet HTML 18Page - STMicroelectronics UM0434 Datasheet HTML 19Page - STMicroelectronics UM0434 Datasheet HTML 20Page - STMicroelectronics UM0434 Datasheet HTML 21Page - STMicroelectronics UM0434 Datasheet HTML 22Page - STMicroelectronics UM0434 Datasheet HTML 23Page - STMicroelectronics UM0434 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 390 page
background image
Organization
UM0434
20/391
1
Organization
Following is a summary and a brief description of the major sections of this manual:
●
Chapter 3: e200z3 core complex overview on page 24,” provides a general description
of e200z3 functionality.
●
Chapter 4: Register model on page 38,” is useful for software engineers who need to
understand the programming model for the three programming environments and the
functionality of each register.
●
Chapter 5: Instruction model on page 108,” provides an overview of the addressing
modes and a description of the instructions. Instructions are organized by function.
●
Chapter 6: Interrupts and exceptions on page 160,” describes how the e200z3
implements the interrupt model as it is defined by the Book E architecture.
●
Chapter 7: Memory management unit on page 192,” provides specific hardware and
software details regarding the e200z3 MMU implementation.
●
Chapter 8: Instruction pipeline and execution timing on page 206,” describes how
instructions are fetched, decoded, issued, executed, completed, and how instruction
results are presented to the processor and memory system. Tables are provided that
indicate latency and throughput for each of the instructions supported by the e200z3.
●
Chapter 9: External core complex interfaces on page 235,” describes those aspects of
the CCB that are configurable or that provide status information through the
programming interface. It provides a glossary of signals mentioned throughout the book
to offer a clearer understanding of how the core is integrated as part of a larger device.
●
Chapter 10: Power management on page 292,” describes the power management
facilities as they are defined by Book E and implemented in the e200z3 core.
●
Chapter 11: Debug support on page 296,” describes the debug facilities as they are
defined by Book E and implemented in the e200z3 core.
●
Chapter 12: Nexus3 module on page 329,” describes the e200z3 Nexus3 module,
which provides real-time development capabilities for e200z3 processors in compliance
with the
IEEE-ISTO Nexus 5001-2003 standard.
●
This book also includes an index.
1.1
Bibliography
The following documentation, published by Morgan-Kaufmann Publishers, 340 Pine Street,
Sixth Floor, San Francisco, CA, provides useful information about the PowerPC architecture
and computer architecture in general:
●
The PowerPC Architecture: A Specification for a New Family of RISC Processors,
Second Edition, by International Business Machines, Inc.
For updates to the specification, see http://www.austin.ibm.com/tech/ppc-chg.html
●
Computer Architecture: A Quantitative Approach, Third Edition, by John L. Hennessy
and David A. Patterson.
●
Computer Organization and Design: The Hardware/Software Interface, Second Edition,
David A. Patterson and John L. Hennessy.
Note:
It is assumed that the reader understands operating systems, microprocessor system
design, and the basic principles of RISC processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com