Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 390 page
background image
Register model
UM0434
44/391
38
SPE
SPE available.
0 Execution of SPE APU vector instructions is disabled. Instead, the SPE
unavailable exception is taken, and ESR[SPE] is set.
1 Execution of SPE APU vector instructions is enabled.
39–44
—
Reserved, should be cleared.
45
WE
Wait state (power management) enable. Defined as optional by Book E and
implemented in the e200z3.
0 Power management is disabled.
1 Power management is enabled. The processor can enter a power-saving mode
when additional conditions are present. The mode chosen is determined by
HID0[DOZE,NAP,SLEEP], described in
Section 4.13.1: Hardware implementation
dependent register 0 (HID0).”
46
CE
Critical interrupt enable
0 Critical input and watchdog timer interrupts are disabled.
1 Critical input and watchdog timer interrupts are enabled.
47
—
Preserved.
48
EE
External interrupt enable
0 External input, decrementer, and fixed-interval timer interrupts are disabled.
1 External input, decrementer, and fixed-interval timer interrupts are enabled.
49
PR
Problem state.
0 The processor is in supervisor mode, can execute any instruction, and can access
any resource (for example, GPRs, all SPRs, and the MSR).
1 The processor is in user mode, cannot execute any privileged instruction, and
cannot access any privileged resource.
50
FP
Floating-point available.
0 Floating-point unit is unavailable. The processor cannot execute floating-point
instructions, including floating-point loads, stores, and moves. (An FP unavailable
interrupt is generated on attempted execution of floating-point instructions).
1 Floating-point unit is available. The processor can execute floating-point
instructions. (Note that for the
e200z3, the floating-point unit is not supported; an
unimplemented operation exception is generated for attempted execution of
floating-point instructions when FP is set).
51
ME
Machine check enable.
0 Machine check interrupts are disabled. Checkstop mode is entered when the
p_mcp_b input is recognized asserted or an ISI or ITLB exception occurs on a fetch
of the first instruction of an exception handler.
1 Machine check interrupts are enabled.
52
FE0
Floating-point exception mode 0 (not used by the e200z3).
53
—
Reserved, should be cleared.
54
DE
Debug interrupt enable.
0 Debug interrupts are disabled.
1 Debug interrupts are enabled if DBCR0[IDM] is set.
55
FE1
Floating-point exception mode 1 (not used by the e200z3)
Table 7.
MSR field descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com