Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 97 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 93Page - STMicroelectronics UM0434 Datasheet HTML 94Page - STMicroelectronics UM0434 Datasheet HTML 95Page - STMicroelectronics UM0434 Datasheet HTML 96Page - STMicroelectronics UM0434 Datasheet HTML 97Page - STMicroelectronics UM0434 Datasheet HTML 98Page - STMicroelectronics UM0434 Datasheet HTML 99Page - STMicroelectronics UM0434 Datasheet HTML 100Page - STMicroelectronics UM0434 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 390 page
background image
Register model
UM0434
98/391
accessible in user mode, an illegal exception is generated. If the invalid SPR is accessible
only in supervisor mode and the CPU core is in supervisor mode (MSR[PR] = 0), an illegal
exception is generated. If the invalid SPR address is accessible only in supervisor mode and
the CPU is not in supervisor mode (MSR[PR] = 1), a privilege exception is generated.
4.18.2
Synchronization requirements for SPRs
Except for the following registers, no synchronization is required for accessing SPRs beyond
those stated in Book E.
EREF completely describes synchronization requirements.
Software requirements for synchronization before/after accessing these registers are shown
in
Table 88. The notation CSI in the table refers to context synchronizing instructions,
including sc, isync, rfi, rfci, and rfdi.
Table 87.
System response to invalid SPR reference
SPR address bit 5
Mode
MSR[PR]
Response
0
—
—
Illegal exception
1
Supervisor
0
Illegal exception
1
User
1
Privilege exception
Table 88.
Additional synchronization requirements for SPRs
Context altering event or instruction
Required before
Required after
Notes
mtmsr[UCLE]
None
CSI
mfspr
DBCNT
Debug counter register
msync
None
(1)
DBSR
Debug status register
msync
None
HID0
Hardware implementation dependent register 0
None
None
HID1
Hardware implementation dependent register 1
msync
None
MMUCSR
MMU control and status register 0
CSI
None
mtspr
BUCSR
Branch unit control and status register
None
CSI
CTXCR
Context control register
CSI
CSI
DBCNT
Debug counter register
None
CSI
(1)
DBCR0
Debug control register 0
None
CSI
DBCR1
Debug control register 1
None
CSI
DBCR2
Debug control register 2
None
CSI
DBCR3
Debug control register 3
None
CSI
DBSR
Debug status register
msync
None
HID0
Hardware implementation dependent reg 0
CSI
CSI
MMUCSR
MMU control and status register 0
CSI
CSI
1.
Not required if counter is not currently enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com