Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 65 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 61Page - STMicroelectronics UM0434 Datasheet HTML 62Page - STMicroelectronics UM0434 Datasheet HTML 63Page - STMicroelectronics UM0434 Datasheet HTML 64Page - STMicroelectronics UM0434 Datasheet HTML 65Page - STMicroelectronics UM0434 Datasheet HTML 66Page - STMicroelectronics UM0434 Datasheet HTML 67Page - STMicroelectronics UM0434 Datasheet HTML 68Page - STMicroelectronics UM0434 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 390 page
background image
Register model
UM0434
66/391
4.11.2
Timer status register (TSR)
TSR, shown in
Table 42, provides status information for the CPU timer facilities. EREF
describes the TSR in detail. TSR[WRS] is defined as implementation-dependent.
Register fields designated as write-1-to-clear are cleared only by writing ones to them.
Writing zeros to them has no effect.
The TSR fields are described in
Table 43.
47–50
FPEXT
Fixed-interval timer period extension (see description for FP). FPEXT | FP select one of the 64
TB bits used to signal a fixed-interval timer exception.
51–63
—
Reserved, should be cleared.
Table 41.
TCR field descriptions (continued)
Bits
Name
Description
Table 42.
Timer status register (TSR)
32
33
34
35
36
37 38
63
Field ENW WIS
WRS
DIS FIS
—
Reset
0b(00||WRS)_0000_0000_0000_0000_0000_0000_0000
R/W
Read/Clear
SPR
SPR 336
Table 43.
Timer status register field descriptions
Bits
Name
Description
32
ENW
Enable next watchdog time. When a watchdog timer time-out occurs while WIS = 0 and the next
watchdog time-out is enabled (ENW = 1), a watchdog timer exception is generated and logged by
setting WIS. This is a watchdog timer first time out. A watchdog timer interrupt occurs if enabled by
TCR[WIE] and MSR[CE]. To avoid another watchdog timer interrupt when MSR[CE] is reenabled
(assuming TCR[WIE] is not cleared instead), the interrupt handler must reset TSR[WIS] by
executing an mtspr, setting WIS and any other bits to be cleared and a 0 in all other bits. The data
written to the TSR is not direct data, but is a mask. A 1 causes the bit to be cleared; a 0 has no
effect.
0 Action on next watchdog timer time-out is to set TSR[ENW].
1 Action on next watchdog timer time-out is governed by TSR[WIS].
33
WIS
Watchdog timer interrupt status. See the ENW description for details on how WIS is used.
0 No watchdog timer event.
1 A watchdog timer event. When MSR[CE] = 1 and TCR[WIE] = 1, a watchdog timer
interrupt is taken.
34–35
WRS
Watchdog timer reset status.
00 No second time-out of watchdog timer.
01 Force processor checkstop on second time-out of watchdog timer.
10 Assert processor reset output (
p_resetout_b) on second time-out of watchdog timer.
11 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com