| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 390 page ![]() UM0434 Register model 73/391 43 IAC4 Instruction address compare 4 debug event enable. 0 IAC4 debug events are disabled. 1 IAC4 debug events are enabled. 44–45 DAC1 Data address compare 1 debug event enable 00 DAC1 debug events are disabled. 01 DAC1 debug events are enabled only for store -type data storage accesses. 10 DAC1 debug events are enabled only for load -type data storage accesses. 11 DAC1 debug events are enabled for load -type or store-type data storage accesses. 46–47 DAC2 Data address compare 2 debug event enable. 00 DAC2 debug events are disabled. 01 DAC2 debug events are enabled only for store -type data storage accesses. 10 DAC2 debug events are enabled only for load -type data storage accesses. 11 DAC2 debug events are enabled for load -type or store-type data storage accesses. 48 RET Return debug event enable. 0 RET debug events are disabled. 1 RET debug events are enabled. 49–52 — Reserved. 53 DEVT1 External debug event 1 enable. 0 DEVT1 debug events are disabled. 1 DEVT1 debug events are enabled. 54 DEVT2 External debug event 2 enable. 0 DEVT2 debug events are disabled. 1 DEVT2 debug events are enabled. 55 DCNT1 Debug counter 1 debug event enable. 0 counter 1 debug events are disabled. 1 counter 1 debug events are enabled. 56 DCNT2 Debug counter 2 debug event enable. 0 counter 2 debug events are disabled. 1 counter 2 debug events are enabled. 57 CIRPT Critical interrupt taken debug event enable. 0 CIRPT debug events are disabled. 1 CIRPT debug events are enabled. 58 CRET Critical return debug event enable. 0 CRET debug events are disabled. 1 CRET debug events are enabled. 59 VLES VLE status, Set if an ICMP, BRT, TRAP, RET, CRET, IAC, or DAC debug event occurred on a VLE instruction. Undefined for IRPT, CIRPT, DEVT[1,2], DCNT[1,2], and UDE events. 60–62 — Reserved. 63 FT Freeze timers on debug event. 0 Timebase timers are unaffected by set DBSR bits. 1 Disable clocking of timebase timers if any DBSR bit is set (except MRR or CNT1TRG). Table 51. DBCR0 field descriptions (continued) Bits Name Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |