Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 59 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 55Page - STMicroelectronics UM0434 Datasheet HTML 56Page - STMicroelectronics UM0434 Datasheet HTML 57Page - STMicroelectronics UM0434 Datasheet HTML 58Page - STMicroelectronics UM0434 Datasheet HTML 59Page - STMicroelectronics UM0434 Datasheet HTML 60Page - STMicroelectronics UM0434 Datasheet HTML 61Page - STMicroelectronics UM0434 Datasheet HTML 62Page - STMicroelectronics UM0434 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 390 page
background image
Register model
UM0434
60/391
protection violation exception and a byte-ordering exception. System software must check
beyond ESR[BO], such as the state of MSR[PR] in SRR1 and the TLB entry page protection
bits, to determine whether a protection violation also occurred.
The ESR fields are described in
Table 34.
4.9.1
VLE mode instruction syndrome
ESR[VLEMI] indicates when an interrupt is caused by a VLE instruction. This syndrome bit
is set on an exception associated with execution or attempted execution of a VLE
instruction. This bit is updated for the interrupt types in
Table 34.
Table 34.
ESR field descriptions
Bits
Name
Description
Associated interrupt type
32–35
—
Reserved, should be cleared.
—
36
PIL
Illegal instruction exception
Program
37
PPR
Privileged instruction exception
Program
38
PTR
Trap exception
Program
39
FP
Floating-point operation
Alignment, data storage, data TLB, program
40
ST
Store operation
Alignment, data storage, data TLB
41
—
Reserved, should be cleared.
—
42
DLK
Data cache locking(1)
Data storage
43
ILK
Instruction cache locking
Data storage`
44
AP
Auxiliary processor operation. (unused in the
e200z3)
Alignment, data storage, data TLB, program
45
PUO
Unimplemented operation exception
Program
46
BO
Byte ordering exception
Data storage
47
PIE
Program imprecise exception. Unused in the
e200z3 (Reserved, should be cleared.)
—
48–55
—
Reserved, should be cleared.
—
56
SPE
SPE APU operation
SPE unavailable, SPE floating-point data
exception, SPE floating-point round exception,
alignment, data storage, data TLB
57
—
Reserved, should be cleared.
—
58
VLEM
I
VLE mode instruction
SPE unavailable, SPE floating-point data
exception, SPE floating-point round exception,
data storage, data TLB, instruction storage,
alignment, program, and system call
59–61
—
Reserved, should be cleared.
—
62
MIF
Misaligned instruction fetch
Instruction storage, instruction TLB
63
XTE
External termination error (precise)
Data storage, instruction storage
1.
When optional cache is present. Unused on e200z3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com