Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 36Page - STMicroelectronics UM0434 Datasheet HTML 37Page - STMicroelectronics UM0434 Datasheet HTML 38Page - STMicroelectronics UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 390 page
background image
UM0434
Register model
41/391
–
Data exception address register (DEAR). After most data storage interrupts
(DSIs), or on an alignment interrupt or data TLB interrupt, DEAR is set to the
effective address (EA) generated by the faulting instruction.
–
SPRG0–SPRG7, USPRG0. For software use. See
Section 4.10: Software use
SPRs (SPRG0–SPRG7 and USPRG0) on page 63,” for details on these registers.
The e200z3 does not allow user-mode access to the SPRG3 register. Book E
defines access to SPRG3 as implementation-dependent.
–
Exception syndrome register (ESR). A syndrome to differentiate between the
different kinds of exceptions that can generate the same interrupt.
–
Interrupt vector prefix register (IVPR) and interrupt-specific interrupt vector offset
registers (IVORs). Provide the address of the interrupt handler for different classes
of interrupts.
–
Save/restore register 0 (SRR0). Saves machine state on a non-critical interrupt
and contains the address of the instruction at which execution resumes when an
rfi instruction executes at the end of a non-critical-class interrupt handler routine.
–
Save/restore register 1 (SRR1). Saves machine state from the MSR on non-critical
interrupts and restores machine state when rfi executes.
–
Critical save/restore register 0 (CSRR0). Saves machine state on a critical
interrupt and contains the address of the instruction at which execution resumes
when an rfci instruction executes at the end of a critical-class interrupt handler
routine.
–
Critical save/restore register 1 (CSRR1). Saves machine state from the MSR on
critical interrupts and restores machine state when rfci executes.
●
Debug facility registers
–
Debug control registers (DBCR0–DBCR2). Provide control for enabling and
configuring debug events.
–
Debug status register (DBSR). Contains debug event status.
–
Instruction address compare registers (IAC1–IAC4). Contain addresses and/or
masks to specify instruction address compare debug events.
–
Data address compare registers (DAC1–DAC2). Contain addresses and/or masks
to specify data address compare debug events.
Note:
The e200z3 does not implement data value compare registers (DVC1 and DVC2).
●
Timer registers
–
Time base (TB). Maintains the time of day and operates interval timers. The TB
consists of two 32-bit registers, time base upper (TBU) and time base lower (TBL).
Only supervisor level software can write to the time base registers, but both user
and supervisor level software can read them.
–
Decrementer register (DEC). A 32-bit decrementing counter for causing a
decrementer exception after a programmable delay.
–
Decrementer auto-reload (DECAR). Supports the auto-reload feature of the
decrementer.
–
Timer control register (TCR). Controls the decrementer, fixed interval timer, and
watchdog timer options.
–
Timer status register (TSR). Contains status on timer events and the most recent
watchdog-timer-initiated processor reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com