Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 76 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 72Page - STMicroelectronics UM0434 Datasheet HTML 73Page - STMicroelectronics UM0434 Datasheet HTML 74Page - STMicroelectronics UM0434 Datasheet HTML 75Page - STMicroelectronics UM0434 Datasheet HTML 76Page - STMicroelectronics UM0434 Datasheet HTML 77Page - STMicroelectronics UM0434 Datasheet HTML 78Page - STMicroelectronics UM0434 Datasheet HTML 79Page - STMicroelectronics UM0434 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 390 page
background image
UM0434
Register model
77/391
Debug control register 3 (DBCR3)
DBCR3, shown in
Table 55, is an e200z3 implementation-specific register to enable and
configure the debug counter and debug counter events. For counter operation, the specific
debug events that cause counters to decrement are specified in DBCR3.
Note:
Corresponding events do not need to be (and probably should not be) enabled in DBCR0.
The IAC1–IAC4 and DAC1–DAC2 control fields in DBCR0 are ignored for counter
operations and the control fields in DBCR3 determine when counting is enabled. DBCR1
and DBCR2 control fields are also used to determine the configuration of IAC1–IAC4 and
DAC1–DAC2 operations for counting, even though the setting of bits in DBSR by
corresponding events can be disabled via DBCR0. Multiple count-enabled events that occur
during execution of an instruction typically cause only one decrement of a counter. For
example, if more than one IAC or DAC register hits and is enabled for counting, only one
count can occur per counter. During execution of lmw and stmw instructions, multiple DAC
n
hits can occur. If the instruction is not interrupted before completion, a single decrement of a
counter occurs.
38–39
DAC2ER
Data address compare 2 effective/real mode.
00 DAC2 debug events are based on effective address.
01 Unimplemented in the e200z3 (Book E real address compare), no match can occur.
10 DAC2 debug events are based on effective address and can occur only if MSR[DS] = 0.
11 DAC2 debug events are based on effective address and can occur only if MSR[DS] = 1.
40–41
DAC12M
Data address compare 1/2 mode.
00 Exact address compare. DAC1 debug events can occur only if the address of the data
access is equal to the value specified in DAC1. DAC2 debug events can occur only if the
address of the data access is equal to the value specified in DAC2.
01 Address bit match. DAC1 debug events can occur only if the address of the data access
ANDed with the contents of DAC2 is equal to the contents of DAC1, also ANDed with the
contents of DAC2. DAC2 debug events do not occur. DAC1US and DAC1ER settings are used.
10 Inclusive address range compare. DAC1 debug events can occur only if the address of the
data access is greater than or equal to the value specified in DAC1 and less than the value
specified in DAC2. DAC2 debug events do not occur. DAC1US and DAC1ER settings are used.
11 Exclusive address range compare. DAC1 debug events can occur only if the address of the
data access is less than the value specified in DAC1 or is greater than or equal to the value
specified in DAC2. DAC2 debug events do not occur. DAC1US and DAC1ER settings are used.
42
DAC1LNK
Data address compare 1 linked.
0 No effect.
1 DAC1 debug events are linked to IAC1 debug events. IAC1 debug events do not affect DBSR.
When linked to IAC1, DAC1 debug events are conditioned based on whether the instruction
also generated an IAC1 debug event.
43
DAC2LNK
Data address compare 2 linked
0 No effect.
1DAC 2 debug events are linked to IAC3 debug events. IAC3 debug events do not affect DBSR.
When linked to IAC3, DAC2 debug events are conditioned based on whether the instruction
also generated an IAC3 debug event. DAC2 can only be linked if DAC12M specifies exact
address compare because DAC2 debug events are not generated in the other compare modes.
44–63
—
Reserved for data value compare control (not supported by the e200z3).
Table 54.
DBCR2 field descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com