| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 75 Page - STMicroelectronics |
|
75 / 390 page ![]() Register model UM0434 76/391 Debug control register 2 (DBCR2) DBCR2, shown below is used to configure data address compare operations. Table 54 describes DBCR2 fields. 56–57 IAC34M Instruction address compare 3/4 mode. 00 Exact address compare. IAC3 debug events can occur only if the address of the instruction fetch is equal to the value specified in IAC3. IAC4 debug events can occur only if the address of the instruction fetch is equal to the value specified in IAC4. 01 Address bit match. IAC3 debug events can occur only if the address of the instruction fetch ANDed with the contents of IAC4 is equal to the contents of IAC3, also ANDed with the contents of IAC4. IAC4 debug events do not occur. IAC3US and IAC3ER settings are used. 10 Inclusive address range compare. IAC3 debug events can occur only if the address of the instruction fetch is greater than or equal to the value specified in IAC3 and less than the value specified in IAC4. IAC4 debug events do not occur. IAC3US and IAC3ER settings are used. 11 Exclusive address range compare. IAC3 debug events can occur only if the address of the instruction fetch is less than the value specified in IAC3 or is greater than or equal to the value specified in IAC4. IAC4 debug events do not occur. IAC3US and IAC3ER settings are used. 58–63 — Reserved Table 53. DBCR1 field descriptions (continued) Bits Name Description 32 33 34 35 36 37 38 39 40 41 42 43 44 63 Field DAC1US DAC1ER DAC2US DAC2ER DAC12M DAC1LNK DAC2LNK — Reset All zeros R/W R/W SPR SPR 310 Table 54. DBCR2 field descriptions Bits Name Description 32–33 DAC1US Data address compare 1 user/supervisor mode. 00 DAC1 debug events are not affected by MSR[PR]. 01 Reserved. 10 DAC1 debug events can occur only if MSR[PR] = 0 (supervisor mode). 11 DAC1 debug events can occur only if MSR[PR] = 1 (User mode). 34–35 DAC1ER Data address compare 1 effective/real mode. 00 DAC1 debug events are based on effective address. 01 Unimplemented in the e200z3 (Book E real address compare), no match can occur. 10 DAC1 debug events are based on effective address and can occur only if MSR[DS] = 0. 11 DAC1 debug events are based on effective address and can occur only if MSR[DS] = 1. 36–37 DAC2US Data Address compare 2 user/supervisor mode. 00 DAC2 debug events are not affected by MSR[PR]. 01 Reserved 10 DAC2 debug events can occur only if MSR[PR] = 0 (supervisor mode). 11 DAC2 debug events can occur only if MSR[PR] = 1 (user mode). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |