Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 73 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 69Page - STMicroelectronics UM0434 Datasheet HTML 70Page - STMicroelectronics UM0434 Datasheet HTML 71Page - STMicroelectronics UM0434 Datasheet HTML 72Page - STMicroelectronics UM0434 Datasheet HTML 73Page - STMicroelectronics UM0434 Datasheet HTML 74Page - STMicroelectronics UM0434 Datasheet HTML 75Page - STMicroelectronics UM0434 Datasheet HTML 76Page - STMicroelectronics UM0434 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 390 page
background image
Register model
UM0434
74/391
Debug control register 1 (DBCR1)
DBCR1, shown in
Table 52, is used to configure instruction address compare operation.
Table 53 describes debug control register 1 fields.
Table 52.
Debug control register 1 (DBCR1)
32 33 34 35 36 37 38 39 40 41 42 47 48 49 50 51 52 53 54 55 56 57 58
63
Field IAC1USIAC1ERIAC2USIAC2ERIAC12M
—
IAC3USIAC3ERIAC4USIAC4ERIAC34M
—
Reset
All zeros
R/W
R/W
SPR
SPR 309
Table 53.
DBCR1 field descriptions
Bits
Name
Description
32–33 IAC1US
Instruction address compare 1 user/supervisor mode.
00 AC1 debug events are not affected by MSR[PR].
01 Reserved.
10 AC1 debug events can occur only if MSR[PR] = 0 (supervisor mode).
11 AC1 debug events can occur only if MSR[PR] = 1 (user mode).
34–35 IAC1ER
Instruction address compare 1 effective/real mode.
00 AC1 debug events are based on effective address.
01 Unimplemented in the e200z3 (Book E real address compare), no match can occur.
10 AC1 debug events are based on effective address and can occur only if MSR[IS] = 0.
11 AC1 debug events are based on effective address and can occur only if MSR[IS] = 1.
36–37 IAC2US
Instruction address compare 2 user/supervisor mode.
00 AC2 debug events are not affected by MSR[PR].
01 Reserved.
10 AC2 debug events can occur only if MSR[PR] = 0 (supervisor mode).
11 AC2 debug events can occur only if MSR[PR] = 1 (user mode).
38–39 IAC2ER
Instruction address compare 2 effective/real mode.
00 AC2 debug events are based on effective address.
01 Unimplemented in the e200z3 (Book E real address compare), no match can occur.
10 AC2 debug events are based on effective address and can occur only if MSR[IS] = 0.
11 AC2 debug events are based on effective address and can occur only if MSR[IS] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com