| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 390 page ![]() Register model UM0434 42/391 4.2 e200z3 - Specific registers Book E allows implementation-specific registers. Those in the e200z3 core are as follows: ● User-level registers, which are accessible to all software with either user or supervisor privileges: – Signal processing/embedded floating-point status and control register (SPEFSCR). Contains all integer and floating-point exception signal bits, exception summary bits, exception enable bits, and rounding control bits for compliance with the IEEE 754 standard. – L1 cache configuration register (L1CFG0). A read-only register that allows software to query the configuration of the L1 cache. For the e200z3, this register returns all zeros. – The EIS-defined accumulator, which is part of the SPE APU. See Section 4.7.2: Accumulator (ACC) on page 55.” ● Supervisor-level registers, which are defined in the e200z3 in addition to the Book E registers described in Section 4.1: PowerPC Book E registers on page 39: – Configuration registers—Hardware implementation-dependent registers 0 and 1 (HID0 and HID1). Control various processor and system functions. – Exception handling and control registers: – Machine check syndrome register (MCSR). A syndrome to differentiate between the different kinds of conditions that can generate a machine check. – Debug save/restore register 0 (DSRR0). When the debug APU is enabled, DSRR0 saves the address of the instruction at which execution continues when rfdi executes at the end of a debug interrupt handler routine. – Debug save/restore register 1 (DSRR1). When the debug APU is enabled, (HID0[DAPUEN] = 1), DSRR1 saves machine state from the MSR on debug interrupts and restores machine state when rfdi executes. – Debug facility registers – Debug control register 3 (DBCR3). Control for debug functions not described in Book E – Debug counter register (DBCNT). Counter capability for debug functions – Context control registers – Context control register (CTXCR). Control for register context selection. – Branch unit control and status register (BUCSR). Controls operation of the branch target buffer (BTB). – Cache registers. This e200z3-specific register may not be supported by other PowerPC processors. – L1 cache configuration register (L1CFG0). A read-only register that allows software to query the configuration of the L1 cache. This register returns all zeros for e200z3 core. – Memory management unit (MMU) registers: – MMU configuration register (MMUCFG). A read-only register that allows software to query the configuration of the MMU. – MMU assist (MAS0–MAS4, MAS6) registers. The interface to the e200z3 core from the MMU. – MMU control and status register (MMUCSR0). Controls MMU invalidation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |