Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0434 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 38Page - STMicroelectronics UM0434 Datasheet HTML 39Page - STMicroelectronics UM0434 Datasheet HTML 40Page - STMicroelectronics UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 390 page
background image
UM0434
Register model
43/391
–
TLB configuration registers (TLB0CFG and TLB1CFG). Read-only registers
that allow software to query the configuration of the TLBs.
–
System version register (SVR). A read-only register that identifies the version
(model) and revision level of the system that includes an e200z3 processor.
Note:
Although other processors may implement similar or identical registers, it is not guaranteed
that the implementation of e200z3-core-specific registers is consistent among PowerPC
processors.
All e200z3 SPR definitions comply with the Book E definitions.
4.3
e200z3-Specific Device Control Registers
In addition to the SPRs, implementations may also implement one or more device control
registers (DCRs). The e200z3 core implements a set of device control registers to perform a
parallel signature in the parallel signature unit (PSU). These registers may not be supported
by other PowerPC processors. For details, see
Chapter 4.19: Parallel signature unit
registers on page 103.”
4.4
Processor control registers
This section discusses machine state, processor ID, processor version, and system version
registers.
4.4.1
Machine state register (MSR)
The MSR, shown in
Figure 6, defines the state of the processor. Chapter 6: Interrupts and
exceptions,” describes how the MSR is affected by interrupts.
Table 6.
Machine state register (MSR)
MSR fields are described in
Table 7.
32
36
37
38
39
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
63
Field
—
UCLESPE
—
WE CE — EE PR FP ME FE0 — DE FE1
—
IS DS
—
Reset
All zeros
R/W
R/W
Table 7.
MSR field descriptions
Bits
Name
Description
32–36
—
Reserved, should be cleared.
37
UCLE
User cache lock enable.
0 Execution of the cache locking instructions is disabled in user mode
(MSR[PR] = 1).
Instead, the data storage interrupt is taken, and ILK or DLK is set in the ESR.
1 Execution of the cache lock instructions is enabled in user mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com